Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8432ACPZ-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMV8432ACPZ-R5
Description  15.1 GHz to 32 GHz, Tunable Band-Pass Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8432ACPZ-R5 Datasheet(HTML) 3 Page - Analog Devices

  ADMV8432ACPZ-R5 Datasheet HTML 1Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 2Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 3Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 4Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 5Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Data Sheet
ADMV8432
Rev. A | Page 3 of 17
SPECIFICATIONS
HIGH BAND SPECIFICATIONS
TA = 25°C, VDD = 5 V, VEE = −5 V, and VCTL = 0 V, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
fCENTER
25.7
30.1
GHz
3 dB fCORNER
23.7
32
GHz
3 dB Filter Bandwidth
17
%
REJECTION
Low-Side
0.75 × fCENTER
GHz
≥30 dB
High-Side
1.25 × fCENTER
GHz
≥30 dB
Re-Entry
>40
GHz
≤30 dB
LOSS
Insertion Loss
9
dB
Return Loss
15
dB
DYNAMIC PERFORMANCE
Input Third-Order Intercept (IP3)
37
dBm
Input Power at 5° Shift in Insertion Phase
19
dBm
VTUNE = 0 V
Group Delay Flatness
0.1
ns
VTUNE = 0 V
Phase Sensitivity
0.6
Rad/V
Amplitude Settling
200
ns
Time to settle to minimum insertion loss,
within ≤0.5 dB of static insertion loss
Drift Rate
−2.7
MHz/°C
Tuning Sensitivity
580
MHz/V
RESIDUAL PHASE NOISE
1 MHz Offset
−162
dBc/Hz
LOW BAND SPECIFICATIONS
TA = 25°C, VDD = 5 V, VEE = −5 V, and VCTL = 2.5 V, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
fCENTER
16.6
22.5
GHz
3 dB fCORNER
15.1
24.5
GHz
3 dB Filter Bandwidth
18
%
REJECTION
Low-Side
0.72 × fCENTER
GHz
≥30 dB
High-Side
1.21 × fCENTER
GHz
≥30 dB
Re-Entry
>40
GHz
≤30 dB
LOSS
Insertion Loss
8
dB
Return Loss
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com