Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8432ACPZ-R5 Datasheet(PDF) 2 Page - Analog Devices

Part # ADMV8432ACPZ-R5
Description  15.1 GHz to 32 GHz, Tunable Band-Pass Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8432ACPZ-R5 Datasheet(HTML) 2 Page - Analog Devices

  ADMV8432ACPZ-R5 Datasheet HTML 1Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 2Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 3Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 4Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 5Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ADMV8432
Data Sheet
Rev. A | Page 2 of 17
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
High Band Specifications ............................................................ 3
 
Low Band Specifications.............................................................. 3
 
DC Characteristics ....................................................................... 4
 
Absolute Maximum Ratings............................................................ 5
 
ESD Caution.................................................................................. 5
 
Pin Configuration and Function Descriptions............................. 6
 
Interface Schematics .....................................................................7
 
Typical Performance Characteristics ..............................................8
 
High Band ......................................................................................8
 
Low Band..................................................................................... 11
 
High Band and Low Band ......................................................... 14
 
Theory of Operation ...................................................................... 15
 
Applications Information .............................................................. 16
 
Typical Application Circuit....................................................... 16
 
Power Supply Sequence ............................................................. 16
 
Outline Dimensions ....................................................................... 17
 
Ordering Guide .......................................................................... 17
 
REVISION HISTORY
3/2021—Rev. 0 to Rev. A
Changes to Product Title and General Description..................... 1
Changes to fCENTER Parameter, Table 1 and 3 dB fCORNER
Parameter, Table 1............................................................................. 3
Changes to fCENTER Parameter, Table 1 and 3 dB fCORNER
Parameter, Table 2............................................................................. 3
Changes to Theory of Operation.................................................. 15
7/2019—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com