Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8432ACPZ-R5 Datasheet(PDF) 16 Page - Analog Devices

Part # ADMV8432ACPZ-R5
Description  15.1 GHz to 32 GHz, Tunable Band-Pass Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8432ACPZ-R5 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADMV8432ACPZ-R5 Datasheet HTML 9Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 10Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 11Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 12Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 13Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 14Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 15Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 16Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ADMV8432
Data Sheet
Rev. A | Page 16 of 17
APPLICATIONS INFORMATION
C8
100pF
DNI
AGND
C9
0.01µF
DNI
AGND
C10
4.7µF
DNI
AGND
J4
RFOUT
DUT
AGND
2
3
1
4
J3
RFIN
THRU CAL
AGND
2
3
1
4
J1
DNI
AGND
2
3
1
4
J2
DNI
AGND
2
3
1
4
30
29
28
27
26
25
24
23
22
21
1
NC
2
NC
3
NC
4
GND
5
RFIN
6
GND
7
NC
8
NC
9
NC
10
NC
NC
NC
GND
RFOUT
GND
ADMV8432
NC
NC
NC
NC
NC
EPAD
C3
1000pF
R1
10kΩ
DNI
AGND
C1
0.1µF
AGND
AGND
C4
1000pF
AGND
C2
0.1µF
AGND
C5
100pF
AGND
C6
0.01µF
AGND
C7
4.7µF
VTUNE
GRN
VBW
ORG
DNI
+
1
VDD
RED
+5V
1
VCTL
YEL
GND
BLK
VEE
WHT
–5V
1
AGND
R2
10kΩ
DNI
AGND
+
AGND
AGND
1
Figure 44. Typical Application Circuit
TYPICAL APPLICATION CIRCUIT
Figure 44 shows the typical application circuit for the
ADMV8432.
POWER SUPPLY SEQUENCE
The required power-up sequence is GND, VDD, VEE, VCTL,
and VTUNE. Deviations from this sequence may forward bias
the ESD protection structures and damage them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com