Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8432ACPZ-R5 Datasheet(PDF) 12 Page - Analog Devices

Part # ADMV8432ACPZ-R5
Description  15.1 GHz to 32 GHz, Tunable Band-Pass Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8432ACPZ-R5 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADMV8432ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 9Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 10Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 11Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 12Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 13Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 14Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 15Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ADMV8432
Data Sheet
Rev. A | Page 12 of 17
1.5
1.0
1.1
1.2
1.3
1.4
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VTUNE (V)
–40°C
+25°C
+85°C
Figure 31. High-Side Rejection vs. VTUNE at Various Temperatures
24
10
12
14
16
18
20
22
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VTUNE (V)
–40°C
+25°C
+85°C
Figure 32. 3 dB Bandwidth vs. VTUNE at Various Temperatures
1200
200
300
400
500
600
700
800
900
1000
1100
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VTUNE (V)
–40°C
+25°C
+85°C
Figure 33. Tuning Sensitivity vs. VTUNE at Various Temperatures
1.0
0.5
0.6
0.7
0.8
0.9
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VTUNE (V)
–40°C
+25°C
+85°C
Figure 34. Low-Side Rejection vs. VTUNE at Various Temperatures
45
10
15
20
25
30
35
40
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VTUNE (V)
–40°C
+25°C
+85°C
Figure 35. Input IP3 vs. VTUNE at Various Temperatures
0.7
0
0.1
0.2
0.3
0.4
0.5
0.6
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VTUNE (V)
–40°C
+25°C
+85°C
Figure 36. Group Delay vs. VTUNE at Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com