Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8432ACPZ-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # ADMV8432ACPZ-R5
Description  15.1 GHz to 32 GHz, Tunable Band-Pass Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8432ACPZ-R5 Datasheet(HTML) 5 Page - Analog Devices

  ADMV8432ACPZ-R5 Datasheet HTML 1Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 2Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 3Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 4Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 5Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
ADMV8432
Rev. A | Page 5 of 17
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Tuning
VTUNE
−0.5 V to +15.5 V
ITUNE
±1 μA
Supply Voltages
VEE
−5.6 V
VDD
5.6 V
VCTL
−0.5 V to VDD + 0.5 V
RF Input Power
2 GHz to 50 GHz
27 dBm
0.5 GHz to 2 GHz
19 dBm
0.1 GHz to 0.5 GHz
6 dBm
Hot Switch Input Power
2 GHz to 50 GHz
24 dBm
0.5 GHz to 2 GHz
16 dBm
0.1 GHz to 0.5 GHz
3 dBm
Temperature
Operating
−40°C to +85°C
Storage Temperature
−65°C to +150°C
Junction for 1 Million Mean Times
Between Failures (MTTF)
150°C
Nominal Junction (TPADDLE = 85°C,
Input Power (PIN) = 23 dBm)
150°C
Electrostatic Discharge (ESD) Rating
Human Body Model (HBM)
250 V
Field Induced Charged Device Model
(FICDM)
1250 V
Moisture Sensitivity Level (MSL) Rating
MSL3
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com