Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8432ACPZ-R5 Datasheet(PDF) 14 Page - Analog Devices

Part # ADMV8432ACPZ-R5
Description  15.1 GHz to 32 GHz, Tunable Band-Pass Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8432ACPZ-R5 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADMV8432ACPZ-R5 Datasheet HTML 9Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 10Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 11Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 12Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 13Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 14Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 15Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 16Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ADMV8432
Data Sheet
Rev. A | Page 14 of 17
HIGH BAND AND LOW BAND
36
12
14
16
18
20
22
24
26
28
30
32
34
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VTUNE (V)
HIGH BAND
LOW BAND
Figure 41. fCENTER vs. VTUNE
0
–70
–50
–60
–40
–30
–20
–10
0
50
45
40
35
30
25
20
15
10
5
RF FREQUENCY (GHz)
HIGH BAND, 0V
HIGH BAND, 7V
HIGH BAND, 15V
LOW BAND, 0V
LOW BAND, 7V
LOW BAND, 15V
Figure 42. Broadband Insertion Loss vs. RF Frequency
–4
–14
–12
–10
–8
–6
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VTUNE (V)
HIGH BAND
LOW BAND
Figure 43. Insertion Loss vs. VTUNE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com