Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8432ACPZ-R5 Datasheet(PDF) 10 Page - Analog Devices

Part # ADMV8432ACPZ-R5
Description  15.1 GHz to 32 GHz, Tunable Band-Pass Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8432ACPZ-R5 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADMV8432ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 9Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 10Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 11Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 12Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 13Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ADMV8432
Data Sheet
Rev. A | Page 10 of 17
0.7
0.2
0.3
0.4
0.5
0.6
20
40
38
36
34
32
30
28
26
24
22
RF FREQUENCY (GHz)
7V
0V
15V
Figure 21. Group Delay vs. RF Frequency at Various VTUNE Voltages
15
–15
–10
–5
0
5
10
0
20
18
16
14
12
10
8
6
4
2
INPUT POWER (dBm)
0V
1V
3V
7V
10V
15V
Figure 22. Phase Shift vs. Input Power at Various VTUNE Voltages
–100
–170
–160
–150
–140
–130
–120
–110
100
10M
1M
100k
10k
1k
OFFSET FREQUENCY (Hz)
7V
0V
15V
Figure 23. Residual Phase Noise vs. Offset Frequency at Various VTUNE
Voltages
32
22
24
26
28
30
2.0
0
0.4
0.8
1.2
1.6
0
15
12
9
6
3
14
11
8
5
2
13
10
7
4
1
VTUNE (V)
APPROXIMATE
fCENTER (GHz)
PHASE SENSITIVITY (Rad/V)
Figure 24. Approximate fCENTER and Phase Sensitivity vs. VTUNE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com