Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8432ACPZ-R5 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMV8432ACPZ-R5
Description  15.1 GHz to 32 GHz, Tunable Band-Pass Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8432ACPZ-R5 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMV8432ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 9Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 10Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 11Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 12Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 13Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 14Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Data Sheet
ADMV8432
Rev. A | Page 11 of 17
LOW BAND
0
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
35
40
45
50
BROADBAND RF FREQUENCY (GHz)
7V
0V
15V
Figure 25. Insertion Loss vs. Broadband RF Frequency for Various VTUNE
Voltages
0
–18
–16
–14
–12
–10
–8
–6
–4
–2
5
10
15
20
25
30
35
RF FREQUENCY (GHz)
7V
0V
15V
Figure 26. Insertion Loss vs. RF Frequency for Various VTUNE Voltages
26
12
14
16
18
20
22
24
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VTUNE (V)
–40°C
+25°C
+85°C
Figure 27. fCENTER vs. VTUNE at Various Temperatures
0
–40
–35
–30
–25
–20
–15
–10
–5
0
50
45
40
35
30
25
20
15
10
5
BROADBAND RF FREQUENCY (GHz)
0V, S11
7V, S11
15V, S11
0V, S22
7V, S22
15V, S22
Figure 28. Return Loss vs. Broadband RF Frequency for Various VTUNE
Voltages
0
–40
–35
–30
–25
–20
–15
–10
–5
5
35
30
25
20
15
10
RF FREQUENCY (GHz)
0V, S11
7V, S11
15V, S11
0V, S22
7V, S22
15V, S22
Figure 29. Return Loss vs. RF Frequency for Various VTUNE Voltages
–4
–14
–12
–10
–8
–6
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VTUNE (V)
–40°C
+25°C
+85°C
Figure 30. Insertion Loss vs. VTUNE at Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com