Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8432ACPZ-R5 Datasheet(PDF) 8 Page - Analog Devices

Part # ADMV8432ACPZ-R5
Description  15.1 GHz to 32 GHz, Tunable Band-Pass Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8432ACPZ-R5 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMV8432ACPZ-R5 Datasheet HTML 4Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 5Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 9Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 10Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 11Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ADMV8432
Data Sheet
Rev. A | Page 8 of 17
TYPICAL PERFORMANCE CHARACTERISTICS
HIGH BAND
0
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
35
40
45
50
BROADBAND RF FREQUENCY (GHz)
7V
0V
15V
Figure 9. Insertion Loss vs. Broadband RF Frequency at Various VTUNE
Voltages
0
–18
–16
–14
–12
–10
–8
–6
–4
–2
15
20
25
30
35
40
45
RF FREQUENCY (GHz)
7V
0V
15V
Figure 10. Insertion Loss vs. RF Frequency at Various Voltages
36
22
24
26
28
30
32
34
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VTUNE (V)
–40°C
+25°C
+85°C
Figure 11. fCENTER vs. VTUNE at Various Temperatures
0
–40
–35
–30
–25
–20
–15
–10
–5
0
50
45
40
35
30
25
20
15
10
5
BROADBAND RF FREQUENCY (GHz)
0V, S11
7V, S11
15V, S11
0V, S22
7V, S22
15V, S22
Figure 12. Return Loss vs. Broadband RF Frequency at Various Voltages
0
–40
–35
–30
–25
–20
–15
–10
–5
15
45
40
35
30
25
20
RF FREQUENCY (GHz)
0V, S11
7V, S11
15V, S11
0V, S22
7V, S22
15V, S22
Figure 13. Return Loss vs. RF Frequency at Various Voltages
–4
–14
–12
–10
–8
–6
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VTUNE (V)
–40°C
+25°C
+85°C
Figure 14. Insertion Loss vs. VTUNE at Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com