Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8432ACPZ-R5 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMV8432ACPZ-R5
Description  15.1 GHz to 32 GHz, Tunable Band-Pass Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8432ACPZ-R5 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMV8432ACPZ-R5 Datasheet HTML 2Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 3Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 4Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 5Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 9Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADMV8432
Data Sheet
Rev. A | Page 6 of 17
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
NC
2
NC
3
NC
4
GND
5
RFIN
6
GND
7
NC
8
NC
9
NC
10
NC
23 NC
24 NC
25 GND
26 RFOUT
27 GND
28 NC
29 NC
30 NC
22 NC
21 NC
ADMV8432
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. THESE PINS ARE NOT CONNECTED INTERNALLY.
ALL DATA SHOWN WITHIN WAS MEASURED WITH THESE PINS
CONNECTED TO RF AND DC
GROUND EXTERNALLY.
2. THE EXPOSED PAD IS INTERNALLY CONNECTED TO GROUND.
SOLDER THE EXPOSED PAD TO A LOW IMPEDANCE GROUND PLANE.
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 3, 7 to 10, 14, 17, 20 to 24, 28 to 40
NC
No Connect. These pins are not connected internally. All data shown within was
measured with these pins connected to RF and dc ground externally.
4, 6, 12, 16, 18, 25, 27
GND
Ground. These pins must be connected to RF and dc ground.
5
RFIN
RF Input. This pin is dc-coupled and matched to 50 Ω. Blocking capacitors are
required if the RF line potential is not equal to 0 V.
11
VEE
Negative Supply Voltage. VEE is −5 V.
13
VDD
Positive Supply Voltage. VDD is 5 V.
15
VCTL
Control Voltage for Band Selection. The device is in the high band when the
voltage is 0 V and in the low band when the voltage is 2.5 V.
19
VTUNE
Center Frequency Control Voltage of the Band-Pass Filter. VTUNE can be varied
from 0 V to 15 V.
26
RFOUT
RF Output. This pin is dc-coupled and matched to 50 Ω. Blocking capacitors are
required if the RF line potential is not equal to 0 V.
EPAD
Exposed Pad. The exposed pad is internally connected to ground. Solder the
exposed pad to a low impedance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com