Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8432ACPZ-R5 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMV8432ACPZ-R5
Description  15.1 GHz to 32 GHz, Tunable Band-Pass Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8432ACPZ-R5 Datasheet(HTML) 4 Page - Analog Devices

  ADMV8432ACPZ-R5 Datasheet HTML 1Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 2Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 3Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 4Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 5Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8432ACPZ-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADMV8432
Data Sheet
Rev. A | Page 4 of 17
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Input IP3
34
dBm
Input Power at 5° Shift in Insertion Phase
20
dBm
VTUNE = 0 V
Group Delay Flatness
0.15
ns
VTUNE = 0 V
Phase Sensitivity
0.8
Rad/V
Amplitude Settling
200
ns
Time to settle to minimum insertion loss,
within ≤0.5 dB of static insertion loss
Drift Rate
−1.4
MHz/°C
Tuning Sensitivity
530
MHz/V
RESIDUAL PHASE NOISE
1 MHz Offset
−163
dBc/Hz
DC CHARACTERISTICS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
fCENTER TUNING
Voltage (VTUNE)
0
15
V
Current (ITUNE)
±1
µA
BAND CONTROL VOLTAGE (VCTL)
Input Voltage
Low
0
0.8
V
0 V for high band select
High
2
2.5
3
V
2.5 V for low band select
Current
1
µA
SUPPLY VOLTAGES
Negative (VEE)
−5.5
−5
V
Positive (VDD)
5
5.5
V
SUPPLY CURRENTS
Negative (IEE)
0.7
mA
Positive (IDD)
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com