Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5062ACPZ-1-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5062ACPZ-1-R7
Description  Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5062ACPZ-1-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP5062ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Data Sheet
ADP5062
Rev. B | Page 3 of 44
SPECIFICATIONS
−40°C < TJ < +125°C, VVINx = 5.0 V, RHOT_RISE < RTHR < RCOLD_FALL, VBAT_SNS = 3.6 V, VISO_Bx = VBAT_SNS, CVIN = 10 µF, CISO_S = 22 µF, CISO_B = 22 µF,
CCBP = 10 nF, all registers at default values, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
GENERAL PARAMETERS
Undervoltage Lockout
VUVLO
2.25
2.35
2.5
V
Falling threshold, higher of
VVINx and VBAT_SNS1
Hysteresis
50
100
150
mV
Hysteresis, higher of
VVINx and VBAT_SNS rising1
Total Input Current
ILIM
74
92
100
mA
Nominal USB initialized current level2
114
150
mA
USB super speed
300
mA
USB enumerated current level (specification for
China)
425
470
500
mA
USB enumerated current level
900
mA
Dedicated charger input
1500
mA
Dedicated wall charger
VINx Current Consumption
IQVIN
2
mA
Charging or LDO mode
IQVIN_DIS
280
450
µA
DIS_IC1 = high, VISO_Bx < VINx < 5.5 V
Battery Current Consumption
IQBATT
20
µA
LDO mode, VISO_Sx > VBAT_SNS
5
µA
Standby, includes ISO_Sx pin leakage, VVINx = 0 V,
TJ = −40°C to +85°C
0.5
0.9
mA
Standby, battery monitor active
CHARGER
Fast Charge Current CC Mode
ICHG
700
750
790
mA
VISO_Bx = 3.9 V; fast charge current accuracy is
guaranteed at temperatures from TJ = −40°C to the
isothermal regulation limit (typically TJ = +115°C)2,3
Fast Charge Current Accuracy
−8
+7
%
ICHG = 400 mA to 1300 mA
−33
+29
mA
ICHG = 250 mA to 350 mA
−45
+40
mA
ICHG = 50 mA to 200 mA
Trickle Charge Current2
ITRK_DEAD
16
20
25
mA
Weak Charge Current2, 3
ICHG_WEAK
ITRK_DEAD + ICHG
mA
Trickle to Weak Charge Threshold
Dead Battery
VTRK_DEAD
2.4
2.5
2.6
V
VTRK_DEAD < VBAT_SNS < VWEAK2, 4
Hysteresis
ΔVTRK_DEAD
100
mV
On BAT_SNS2
Weak Battery Threshold
Weak to Fast Charge Threshold
VWEAK
2.89
3.0
3.11
V
On BAT_SNS2,4
ΔVWEAK
100
mV
Battery Termination Voltage
VTRM
4.200
V
Termination Voltage Accuracy
−0.25
+0.25
%
On BAT_SNS, TJ = 25°C, IEND = 52.5 mA2
−1.04
+0.89
%
TJ = 0°C to 115°C2
−1.16
+1.20
%
TJ = −40°C to +125°C
Battery Overvoltage Threshold
VBATOV
VIN − 0.075
V
Relative to VINx voltage, BAT_SNS rising
Charge Complete Current
IEND
15
52.5
98
mA
VBAT_SNS = VTRM
Charging Complete Current Threshold
Accuracy
17
83
mA
IEND = 52.5 mA, TJ = 0°C to 115°C2
59
123
mA
IEND = 92.5 mA, TJ = 0°C to 115°C
Recharge Voltage Differential
VRCH
160
260
390
mV
Relative to VTRM, BAT_SNS falling2
Battery Node Short Threshold Voltage2
VBAT_SHR
2.2
2.4
2.5
V
Battery Short Detection Current
ITRK_SHORT
20
mA
ITRK_SHORT = ITRK_DEAD2
Charging Start Voltage Limit
VCHG_VLIM
3.6
3.7
3.8
V
Voltage limit is not active by default
Charging Soft Start Current
ICHG_START
185
260
365
mA
VBAT_SNS > VTRK_DEAD
Charging Soft Start Timer
tCHG_START
3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com