Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5062ACPZ-1-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP5062ACPZ-1-R7
Description  Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5062ACPZ-1-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP5062ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 23Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
ADP5062
Data Sheet
Rev. B | Page 20 of 44
Safety Timer
While in charger mode, if the watchdog timer expires, the
ADP5062 charger initiates the safety timer, tSAFE (see the
Watchdog Timer section). If the processor has programmed
charging parameters by the time the charger initiates the safety
timer, the ILIM is set to the default value. Charging continues for
a period of tSAFE, and then the charger switches off and sets the
CHARGER_STATUS [2:0] bits.
Charge Complete
The ADP5062 charger monitors the charging current while
in constant voltage fast charge mode. If the current falls
below IEND and remains below IEND for tEND, charging stops
and the CHDONE flag is set. If the charging current falls below
IEND for less than tEND and then rises above IEND again, the tEND
timer resets.
Recharge
After the detection of charge complete, and the cessation of
charging, the ADP5062 charger monitors the BAT_SNS pin as
the battery discharges through normal use. If the BAT_SNS pin
voltage falls to VRCH, the charger reactivates charging. Under most
circumstances, triggering the recharge threshold results in the
charger starting directly into fast charge constant voltage mode.
The recharge function can be disabled in the I2C, but a status bit
(Register Address 0x0C, Bit 3) informs the system that a recharge
cycle is required.
IC Enable/Disable
The ADP5062 IC can be disabled by the DIG_IO2 digital input
pin (if factory programmed to do so) or by the I2C registers. All
internal control circuits are disabled when the IC is disabled. Dis-
abling the IC1 option can also control the states of the LDO FET
and the battery isolation FET.
It is critical to note that during the disable IC1 mode, a high
voltage at VINx passes to the internal supply voltage because all
of the internal control circuits are disabled. The VINx supply
voltage must fulfill the following condition:
VISO_Bx < VINx < 5.5 V
Battery Charging Enable/Disable
The ADP5062 charging function can be disabled by setting the
I2C EN_CHG bit to low. The LDO to the system still operates
under this circumstance and can be set in I2C to the default or
I2C programmed system voltage from 4.3 V to 5.0 V (see Table 26
for details).
The ADP5062 charging function can also be controlled via one
of the external DIG_IOx pins (if factory programmed to do so).
Any change in the I2C EN_CHG bit takes precedence over the pin
setting.
Battery Voltage Limit to Prevent Charging
The battery monitor of the ADP5062 charger can be configured
to monitor battery voltage and prevent charging when the battery
voltage is higher than VCHG_VLIM (typically 3.7 V) during charging
start-up (enabled by EN_CHG or DIG_IO3). This function can
prevent unnecessary charging of a half discharged battery and,
as such, can extend the lifetime of the Li-Ion battery cell. Charging
starts automatically when the battery voltage drops below VCHG_VLIM
and continues through full charge cycle until the battery voltage
reaches VTRM (typically 4.2 V).
By default, the charging voltage limit is disabled and it can be
enabled from I2C Register Address 0x08, Bit 5 (EN_CHG_VLIM).
SYS_EN Output
The ADP5062 features a SYS_EN open-drain FET to enable the
system until the battery is at the minimum required level for
guaranteed system start-up. When there are minimum battery
voltage and/or minimum battery charge level requirements, the
operation of SYS_EN can be set by I2C programming. The SYS_EN
operation can be factory programmed to four different operating
conditions as described in Table 11.
Table 11. SYS_EN Mode Descriptions
SYS_EN Mode
Selection
Description
00
SYS_EN is activated when LDO is active and
system voltage is available.
01
SYS_EN is activated by the ISO_Bx voltage, the
battery charging mode.
10
SYS_EN is activated and the isolation FET is
disabled when the battery drops below VWEAK.
This option is active when VINx = 0 V and the
battery monitor is activated from Register 0x07,
Bit 5 (EN_BMON).
11
SYS_EN is active in LDO mode when the charger is
disabled.
SYS_EN is active in charging mode when VISO_Bx ≥
VWEAK.
Indicator LED Output (ILED)
The ILED is an open-drain output for an indicator LED connec-
tion. Optionally, the ILED output can be used as a status output
for a microcontroller. Indicator LED modes are listed in Table 12.
Table 12. Indicator LED Operation Modes
ADP5062 Mode
ILED Mode
On/Off Time
IC Off
Off
LDO Mode Off
Off
LDO Mode On
Off
Charge Mode
Continuously on
Timer Error (tTRK, tCHG, tSAFE)
Blinking
167 ms/833 ms
Overtemperature (TSD)
Blinking
1 sec/1 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com