Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5062ACPZ-1-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5062ACPZ-1-R7
Description  Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5062ACPZ-1-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5062ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
ADP5062
Data Sheet
Rev. B | Page 14 of 44
TYPICAL WAVEFORMS
Figure 23. Charging Startup, VVINx = 5.0 V, ILIM[3:0] = 0110 (Binary) = 500 mA,
ICHG[4:0] = 01110 (Binary) = 750 mA
Figure 24. Load Transient, IISO_Sx Load = 300 mA to 1500 mA to 300 mA
Figure 25. Input Current-Limit Transition from 100 mA to 900 mA,
ISO_Sx Load = 66 Ω, Charging = 750 mA
Figure 26. USB VBUS Disconnect
Figure 27. Load Transient, IISO_Sx Load = 300 mA to 1500 mA to 300 mA,
EN_CHG = High, ILIM[3:0] = 0110 (Binary) = 500 mA
Figure 28. Battery Detection Waveform, VSYSTEM[2:0] = 000 (Binary) = 4.3 V,
No Battery
IVINx
IISO_Bx
VVINx
VISO_Sx
CH1 2.00V
CH2 200mA
CH3 200mA CH4 2.00V
M1.00ms
A CH2
120mA
1
2
3
4
T
1.00ms
T
IISO_Sx
VISO_Sx
CH1 100mV
CH2 500mA
M1.00ms
A CH2
820mA
1
2
T
3.00ms
T
IISO_Bx
VISO_Sx
VVINx
IVINx
CH1 200mV
CH2 200mV
CH3 500mA CH4 500mA
M40.0µs
A CH3
610mA
1
2
3
4
T
0.00s
T
IVINx
IISO_Bx
VVINx
VISO_Sx
CH1 2.00V
CH2 200mA
CH3 200mA CH4 2.00V
M200.0µs
A CH2
216mA
1
2
3
4
T
0.00s
T
3
IISO_Sx
IISO_Bx
VISO_Sx
CH1 1.00V
CH2 500mA
CH3 500mA
M1.0ms
A CH2
–610mA
1
2
T
3.00ms
T
IISO_Bx
VISO_Bx
CH2 2.00V
CH3 10.0mA
M200ms
A CH3
17.2mA
2
3
T
0.00s
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com