Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5062ACPZ-1-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5062ACPZ-1-R7
Description  Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5062ACPZ-1-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP5062ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Linear Li-Ion Battery Charger with Power
Path and USB Compatibility in LFCSP
Data Sheet
ADP5062
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
4 mm × 4 mm LFCSP package
Fully programmable via I2C
Flexible digital control inputs
Up to 2.1 A current from an ac charger in LDO mode
Operating input voltage from 4.0 V to 6.7 V
Tolerant input voltage from −0.5 V to +20 V (USB VBUS)
Fully compatible with USB 3.0 and USB Battery Charging
Specification 1.2
Built-in current sensing and limiting
As low as 54 mΩ battery isolation FET between battery and
charger output
Thermal regulation prevents overheating
Compliant with JEITA 1 and JEITA 2 Li-Ion battery charging
temperature specifications
SYS_EN flag permits the system to be disabled until battery is at
the minimum required level for guaranteed system start-up
APPLICATIONS
Digital still cameras
Digital video cameras
Single cell Li-Ion portable equipment
PDAs, audio, and GPS devices
Portable medical devices
Mobile phones
GENERAL DESCRIPTION
The ADP5062 charger is fully compliant with USB 3.0 and the
USB Battery Charging Specification 1.2 and enables charging
via the mini USB VBUS pin from a wall charger, car charger, or
USB host port.
The ADP5062 operates from a 4 V to 6.7 V input voltage range
but is tolerant of voltages up to 20 V thereby alleviating concerns
about USB bus spikes during disconnect or connect scenarios.
The ADP5062 features an internal FET between the linear
charger output and the battery. This permits battery isolation
and, hence, system powering under a dead battery or no battery
scenario, which allows for immediate system function on connec-
tion to a USB power supply.
Based on the type of USB source, which is detected by an external
USB detection chip, the ADP5062 can be set to apply the correct
current limit for optimal charging and USB compliance.
The ADP5062 has three factory-programmable digital input/out-
put pins that provide maximum flexibility for different systems.
These digital input/output pins permit combinations of features
such as, input current limits, charging enable and disable, charging
current limits, and a dedicated interrupt output pin.
TYPICAL APPLICATION CIRCUIT
Figure 1.
VIN
VBUS
AC OR
USB
SCL
SDA
DIG_IO1
DIG_IO2
DIG_IO3
AGND
+ Li-ion
THR
C3
22µF
C1
10nF
C4
10µF
C2
22µF
ISO_Sx
ISO_Bx
BAT_SNS
ADP5062
SYS_EN
SYSTEM
ILED
VLED
CBP
CHARGER
CONTROL
BLOCK


Similar Part No. - ADP5062ACPZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5061 AD-ADP5061 Datasheet
658Kb / 44P
Tiny I2C Programmable Linear Battery Charger
REV. 0
ADP5063 AD-ADP5063 Datasheet
830Kb / 44P
Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
REV. 0
ADP5063ACPZ-1-R7 AD-ADP5063ACPZ-1-R7 Datasheet
830Kb / 44P
Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
REV. 0
ADP5063CP-EVALZ AD-ADP5063CP-EVALZ Datasheet
830Kb / 44P
Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
REV. 0
ADP5065 AD-ADP5065 Datasheet
964Kb / 40P
Fast Charge Battery Manager with Power Path and USB Compatibility
2/13-Rev. C to Rev. D
More results

Similar Description - ADP5062ACPZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Analog Devices
ADP5063 AD-ADP5063 Datasheet
830Kb / 44P
Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com