Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5062ACPZ-1-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADP5062ACPZ-1-R7
Description  Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5062ACPZ-1-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADP5062ACPZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 41Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 42Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 43Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Data Sheet
ADP5062
Rev. B | Page 41 of 44
I2C REGISTER DEFAULTS
Table 46. I2C Register Default Settings
Bit Name
I2C Register Address, Bit Location
Option
Selection
CHG_VLIM[1:0]
Address 0x03, Bits[1:0]
0 = limit 3.2 V
0 = limit 3.2 V
1 = limit 3.7 V
DIS_RCH
Address 0x05, Bit 7
0 = recharge enabled
0 = recharge enabled
1 = recharge disabled
EN_WD
Address 0x06, Bit 2
0 = watchdog disabled
0 = disabled
1 = watchdog enabled
DIS_IC1
Address 0x07, Bit 6
0 = not activated
0 = not activated
1 = activated
EN_CHG
Address 0x07, Bit 0
0 = charging disabled
0 = charging disabled
1 = charging enabled
EN_JEITA
Address 0x08, Bit 7
0 = JEITA disabled
0 = JEITA disabled
1 = JEITA enabled
JEITA_SELECT
Address 0x08, Bit 6
0 = JEITA1 charging
0 = JEITA1 charging
1= JEITA2 charging
EN_CHG_VLIM
Address 0x08, Bit 5
0 = limit disabled
0 = limit disabled
1 = limit enabled
IDEAL_DIODE[1:0]
Address 0x08, Bits[4:3]
00 = ideal diode operates when VISO_Sx < VISO_Bx
00 = VISO_Sx < VISO_Bx
01 = ideal diode operates when VISO_Sx < VISO_Bx
and VBAT_SNS > VWEAK
10 = ideal diode is disabled
11 = ideal diode is disabled
DIGITAL INPUT AND OUTPUT OPTIONS
Table 47. I2C Address 0x11, Bits[1:0] SYS_EN Output Default
Option
Selection (Default)
00 = SYS_EN is activated when LDO is active and system voltage is available
00
01 = SYS_EN is activated by ISO_Bx voltage; battery charging mode
10 = SYS_EN is activated and the isolation FET is disabled when the battery drops below VWEAK1
11 = SYS_EN is active in LDO mode when the charger is disabled. SYS_EN is active in charging mode when VISO_Bx ≥ VWEAK
1
This option is active when VINx = 0 V and the battery monitor is activated from Register 0x07, Bit D5 (EN_BMON).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com