Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5062ACPZ-1-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5062ACPZ-1-R7
Description  Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5062ACPZ-1-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5062ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
ADP5062
Data Sheet
Rev. B | Page 12 of 44
TEMPERATURE CHARACTERISTICS
Figure 14. Battery Leakage Current vs. Ambient Temperature
Figure 15. VINx Quiescent Current vs. Ambient Temperature, DIS_IC1 = High
Figure 16. LDO Mode Voltage vs. Ambient Temperature,
Load = 100 mA, VVINx = 5.5 V
Figure 17. System Voltage vs. Temperature, Trickle Charge Mode,
VISO_Sx = 4.3 V and VINx = 5.0 V, or VISO_Sx = 5.0 V and VINx = 6.0 V
Figure 18. VINx Quiescent Current vs. Ambient Temperature, LDO Mode
Figure 19. Termination Voltage vs. Ambient Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–40
–15
10
35
60
85
AMBIENT TEMPERATURE (°C)
VISO_Bx = 3.6V
VISO_Bx = 4.2V
VISO_Bx = 5.5V
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
–40
–25
–10
5
20
35
50
65
80
95
110
125
AMBIENT TEMPERATURE (°C)
VIN = 4.0V
VIN = 5.0V
VIN = 5.5V
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–40
–25
–10
5
20
35
50
65
80
95
110
125
AMBIENT TEMPERATURE (°C)
VISO_Sx = 4.3V
VISO_Sx = 5.0V
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–40
–25
–10
5
20
35
50
65
80
95
110
125
AMBIENT TEMPERATURE (°C)
VISO_Sx = 4.3V
VISO_Sx = 5.0V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–40
–25
–10
5
20
35
50
65
80
95
110
125
AMBIENT TEMPERATURE (°C)
VIN = 4.0V
VIN = 5.0V
VIN = 6.7V
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–40
–25
–10
5
20
35
50
65
80
95
110
125
AMBIENT TEMPERATURE (°C)
VTRM = 3.8V
VTRM = 4.2V
VTRM = 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com