Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5062ACPZ-1-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5062ACPZ-1-R7
Description  Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5062ACPZ-1-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5062ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 23Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 24Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 25Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 26Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Data Sheet
ADP5062
Rev. B | Page 23 of 44
JEITA Li-Ion Battery Temperature Charging Specification
The ADP5062 is compliant with the JEITA1 and JEITA2 Li-Ion
battery charging temperature specifications as outlined in Table 14
and Table 16, respectively.
JEITA function can be enabled via the I2C interface and, optionally,
the JEITA1 or JEITA2 function can be selected in I2C.
Alternatively, the JEITA1 or JEITA2 can be set as enabled to
default by factory programming.
When the ADP5062 identifies a hot or cold battery condition,
the ADP5062 takes the following actions:
•
Stops charging the battery.
•
Connects or enables the battery isolation FET such that the
ADP5062 continues in LDO mode.
Table 14. JEITA1 Specifications
Parameter
Symbol
Conditions
Min
Max
Unit
JEITA1 Cold Temperature Limits
IJEITA_COLD
No battery charging occurs.
0
°C
JEITA1 Cool Temperature Limits
IJEITA_COOL
Battery charging occurs at approximately 50% of the programmed
level. See Table 15 for specific charging current reduction levels.
0
10
°C
JEITA1Typical Temperature Limits
IJEITA_TYP
Normal battery charging occurs at the default/programmed levels.
10
45
°C
JEITA1 Warm Temperature Limits
IJEITA_WARM
Battery termination voltage (VTRM) is reduced by 100 mV from the
programmed value.
45
60
°C
JEITA1 Hot Temperature Limits
IJEITA_HOT
No battery charging occurs.
60
°C
Table 15. JEITA1 Reduced Charge Current Levels, Battery Cool Temperature
ICHG[4:0] (Default)
ICHG JEITA1
ICHG[4:0] (Default)
ICHG JEITA1
00000 = 50 mA
50 mA
01100 = 650 mA
300 mA
00001 = 100 mA
50 mA
01101 = 700 mA
350 mA
00010 = 150 mA
50 mA
01110 = 750 mA
350 mA
00011 = 200 mA
100 mA
01111 = 800 mA
400 mA
00100 = 250 mA
100 mA
10000 = 850 mA
400 mA
00101 = 300 mA
150 mA
10001 = 900 mA
450 mA
00110 = 350 mA
150 mA
10010 = 950 mA
450 mA
00111 = 400 mA
200 mA
10011 = 1000 mA
500 mA
01000 = 450 mA
200 mA
10100 = 1050 mA
500 mA
01001 = 500 mA
250 mA
10101 = 1100 mA
550 mA
01010 = 550 mA
250 mA
10110 = 1200 mA
600 mA
01011 = 600 mA
300 mA
10111 = 1300 mA
650 mA
Table 16. JEITA2 Specifications
Parameter
Symbol
Conditions
Min
Max
Unit
JEITA2 Cold Temperature Limits
IJEITA_COLD
No battery charging occurs.
0
°C
JEITA2 Cool Temperature Limits
IJEITA_COOL
Battery termination voltage (VTRM) is reduced by 100 mV from the
programmed value.
0
10
°C
JEITA2 Typical Temperature Limits
IJEITA_TYP
Normal battery charging occurs at the default/programmed levels.
10
45
°C
JEITA2 Warm Temperature Limits
IJEITA_WARM
Battery termination voltage (VTRM) is reduced by 100 mV from the
programmed value.
45
60
°C
JEITA2 Hot Temperature Limits
IJEITA_HOT
No battery charging occurs.
60
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com