Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5062ACPZ-1-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP5062ACPZ-1-R7
Description  Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5062ACPZ-1-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP5062ACPZ-1-R7 Datasheet HTML 30Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
ADP5062
Data Sheet
Rev. B | Page 34 of 44
Table 30. Charger Status 2, Register Address 0x0C
Bit No.
Mnemonic
Access
Default
Description
[7:5]
THR_STATUS[2:0]
R
N/A
THR pin status.
000 = off.
001 = battery cold.
010 = battery cool.
011 = battery warm.
100 = battery hot.
111 = thermistor OK.
4
Not used
3
RCH_LIM_INFO
R
N/A
The recharge limit information function is activated when DIS_RCH
is logic high and the CHARGER_STATUS[2:0] = 100 (binary). The
status bit informs the system that a recharge cycle is required.
0 = VBAT_SNS > VRCH
1 = VBAT_SNS < VRCH
[2:0]
BATTERY_STATUS[2:0]
R
Battery status bus.
000 = battery monitor off.
001 = no battery.
010 = VBAT_SNS < VTRK_DEAD.
011 = VTRK_DEAD ≤ VBAT_SNS < VWEAK.
100 = VBAT_SNS ≥ VWEAK.
Table 31. Fault,1 Register Address 0x0D
Bit No.
Bit Name
Access
Default
Description
[7:4]
Not used
3
BAT_SHR
R/W
0
1 = indicates detection of a battery short.
2
Not used
R/W
1
TSD 130°C
R/W
0
1 = indicates an overtemperature (lower) fault.
0
TSD 140°C
R/W
0
1 = indicates an overtemperature fault.
1
To reset the fault bits in the fault register, cycle power on VINx or write high to the corresponding I2C bit.
Table 32. Battery Short, Register Address 0x10
Bit No.
Bit Name
Access
Default
Description
[7:5]
TBAT_SHR[2:0]
R/W
100 = 30 sec
Battery short timeout timer.
000 = 1 sec.
001 = 2 sec.
010 = 4 sec.
011 = 10 sec.
100 = 30 sec.
101 = 60 sec.
110 = 120 sec.
111 = 180 sec.
[4:3]
Not used
[2:0]
VBAT_SHR[2:0]
R/W
100 = 2.4 V
Battery short voltage threshold level.
000 = 2.0 V.
001 = 2.1 V.
010 = 2.2 V.
011 = 2.3 V.
100 = 2.4 V.
101 = 2.5 V.
110 = 2.6 V.
111 = 2.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com