Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5062ACPZ-1-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADP5062ACPZ-1-R7
Description  Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5062ACPZ-1-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADP5062ACPZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 41Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 42Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 43Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
ADP5062
Data Sheet
Rev. B | Page 42 of 44
DIG_IO1, DIG_IO2, and DIG_IO3 Options
Table 48. DIG_IO1 Polarity
Table 49. DIG_IOx Options
Option
Selection
0 = DIG_IO1 polarity, high active operation
0 = high active
1 = DIG_IO1 polarity, low active operation
Option
DIG_IO1 Function
DIG_IO2 Function
DIG_IO3 Function
Selection
0000
IVINx limit
Disable IC1
Charging disable/enable
0000
Low = 100 mA
Low = not activated
Low = charging disable
High = 500 mA
High = activated
High = charging enabled
0010
IVINx limit
IVINx limit
Disable IC1
Low = 100 mA
N/A
Low = not activated
High= 500 mA
High = IVINx limit 1500 mA
High = activated
0011
IVINx limit
IVINx limit
Fast charge current
Low = 100 mA
N/A
Low = ICHG[4:0]
High= 500 mA
High = IVINx limit 1500 mA
High = ICHG[4:0] ÷ 2
0100
IVINx limit
IVINx limit
LDO
Low = 100 mA
N/A
Low = LDO active
High= 500 mA
High = IVIN limit 1500 mA
High = LDO disabled
0101
IVINx limit
IVINx limit
Charging
Low = 100 mA
N/A
Low = charging disabled
High= 500 mA
High = IVINx limit 1500 mA
High = charging enabled
0110
IVINx limit
Recharge
Charging
Low = 100 mA
N/A
Low = charging disabled
High= 500 mA
High = disable recharge
High = charging enabled
0111
Charging
Disable IC1
Recharge
Low = charging disabled
Low = not activated
N/A
High = charging enabled
High = activated
High = disable recharge
1000
IVINx limit
IVINx limit
Interrupt output
Low = 100 mA
N/A
N/A
High= 500 mA
High = IVINx limit 1500 mA
N/A
1001
IVINx limit
Charging
Interrupt output
Low = 100 mA
Low = charging disabled
N/A
High= 500 mA
High = charging enabled
N/A
1010
IVINx limit
Disable IC1
Interrupt output
Low = 100 mA
Low = not activated
N/A
High= 500 mA
High = activated
N/A
1011
IVINx limit
Recharge
Interrupt output
Low = 100 mA
N/A
N/A
High= 500 mA
High = disable recharge
N/A
1100
IVINx limit
Fast charge current
Interrupt output
Low = 100 mA
Low = ICHG
N/A
High= 500 mA
High = ICHG[4:0] ÷ 2
N/A
1101
IVINx limit
LDO
Interrupt output
Low = 100 mA
Low = LDO active
N/A
High= 500 mA
High = LDO disabled
N/A
1110
IVINx limit
Charging
Interrupt output
N/A
Low = charging disabled
N/A
High = IVINx limit 1500 mA
High = charging enabled
N/A
1111
Disable IC1
Charging
Interrupt output
Low = not activated
Low = charging disabled
N/A
High = activated
High = charging enabled
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com