Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5062ACPZ-1-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP5062ACPZ-1-R7
Description  Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5062ACPZ-1-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP5062ACPZ-1-R7 Datasheet HTML 26Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 27Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 29Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 30Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
ADP5062
Data Sheet
Rev. B | Page 30 of 44
Table 22. Charging Current Settings, Register Address 0x04
Bit No.
Bit Name
Access
Default
Description
7
Not used
R
[6:2]
ICHG[4:0]
R/W
01110 = 750 mA
Fast charge current programming bus. The values of the constant
current charge can be programmed to the the following values:
00000 = 50 mA.
00001 = 100 mA.
00010 = 150 mA.
00011 = 200 mA.
00100 = 250 mA.
00101 = 300 mA.
00110 = 350 mA.
00111 = 400 mA.
01000 = 450 mA.
01001 = 500 mA.
01010 = 550 mA.
01011 = 600 mA.
01100 = 650 mA.
01101 = 700 mA.
01110 = 750 mA.
01111 = 800 mA.
10000 = 850 mA.
10001 = 900 mA.
10010 = 950 mA.
10011 = 1000 mA.
10100 = 1050 mA.
10101 = 1100 mA.
10110 = 1200 mA.
10111 to 11111 = 1300 mA.
[1:0]
ITRK_DEAD[1:0]
R/W
10 = 20 mA
Trickle and weak charge current programming bus. The values of
the trickle and weak charge currents can be programmed to the
following values:
00 = 5 mA.
01 = 10 mA.
10 = 20 mA.
11 = 80 mA.
Table 23. Voltage Thresholds, Register Address 0x05
Bit No.
Bit Name
Access
Default
Description
7
DIS_RCH
R/W
0 = recharge
enabled
0 = recharge enabled.
1 = recharge disabled.
[6:5]
VRCH[1:0]
R/W
11 = 260 mV
Recharge voltage programming bus. The values of the recharge
threshold can be programmed to the following values (note that
the recharge cycle can be disabled in I2C by using the DIS_RCH bit):
00 = 80 mV.
01 = 140 mV.
10 = 200 mV.
11 = 260 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com