Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5062ACPZ-1-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5062ACPZ-1-R7
Description  Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5062ACPZ-1-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5062ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5062ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Data Sheet
ADP5062
Rev. B | Page 9 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Name
Type1
Description
9, 10, 11
ISO_S1, ISO_S2,
ISO_S3
I/O
Linear Charger Supply Side Input to Internal Isolation FET/Battery Current Regulation FET. High
current input/output.
6, 7, 8
VIN1, VIN2, VIN3
I/O
Power Connections to USB VBUS. These pins are high current inputs when in charging mode.
20
AGND
G
Analog Ground.
12, 13, 14
ISO_B1, ISO_B2,
ISO_B3
I/O
Battery Supply Side Input to Internal Isolation FET/Battery Current Regulation FET.
1
SCL
I
I2C-Compatible Interface Serial Clock.
17
SDA
I/O
I2C-Compatible Interface Serial Data.
5
DIG_IO1
GPIO
Set Input Current Limit. This pin sets the input current limit directly. When DIG_IO1 = low or
high-Z, the input limit is 100 mA. When DIG_IO1 = high, the input limit is 500 mA.2, 3
3
DIG_IO2
GPIO
Disable IC1. The DIG_IO2 pin sets the charger to the low current mode. When DIG_IO2 = low or
high-Z, the charger operates in normal mode. When DIG_IO2 = high, the LDO and the charger are
disabled and VINx current consumption is 280 µA (typical). In addition, when DIG_IO2 is high,
20 V VINx input protection is disabled and the VINx voltage level must fulfill the condition,
VISO_Bx < VVINx < 5.5 V.2, 3
2
DIG_IO3
GPIO
Enable Charging. When DIG_IO3 = low or high-Z, charging is disabled. When DIG_IO3 = high,
charging is enabled.2, 3
18
THR
I
Battery Pack Thermistor Connection. If this pin is not used, connect a dummy 10 kΩ resistor from
THR to GND.
4
BAT_SNS
I
Battery Voltage Sense Pin.
15
ILED
O
Open-Drain Output to Indicator LED.
16
SYS_EN
O
System Enable. This pin is the battery OK flag/open-drain pull-down FET to enable the system
when the battery reaches the VWEAK level.
19
CBP
I/O
Bypass Capacitor Input.
N/A4
EP
N/A4
Exposed Pad. Connection of the exposed pad is not required. The exposed pad can be connected
to analog ground to improve heat dissipation from the package to the board.
1
I is input, O is output, I/O is input/output, G is ground, and GPIO is the factory programmable general-purpose input/output.
2
See the Digital Input and Output Options section for details.
3
The DIG_IOx setting defines the initial state of the ADP5062. If the parameter or the mode that is related to each DIG_IOx pin setting is changed (by programming an
equivalent I2C register bit or bits), the I2C register setting takes precedence over the DIG_IOx pin setting. VINx connection or disconnection resets control to the
DIG_IOx pin.
4
N/A means not applicable.
PIN 1
INDICATOR
1
SCL
2
DIG_IO3
3
DIG_IO2
4
BAT_SNS
5
DIG_IO1
13 ISO_B2
14 ISO_B3
15 ILED
12 ISO_B1
11 ISO_S3
TOP VIEW
(Not to Scale)
ADP5062
NOTES
1. CONNECTION OF THE EXPOSED PAD IS NOT REQUIRED. THE
EXPOSED PAD CAN BE CONNECTED TO ANALOG GROUND TO
IMPROVE HEAT DISSIPATION FROM THE PACKAGE TO BOARD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com