Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8835ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADN8835ACPZ-R7
Description  Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8835ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADN8835ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
Data Sheet
ADN8835
Rev. B | Page 27 of 27
OUTLINE DIMENSIONS
Figure 44. 36-Lead Lead Frame Chip Scale Package [LFCSP]
6 mm × 6 mm Body and 0.75 mm Package Height
(CP-36-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range2
Package Description
Package
Option
ADN8835ACPZ-R7
−40°C to +125°C
36-Lead Lead Frame Chip Scale Package [LFCSP]
CP-36-5
ADN8835CP-EVALZ
36-Lead LFCSP Evaluation Board: 3 A (Source/Sink) TEC Current Limit, 5 V TEC
Voltage Limit
ADN8834MB-EVALZ3
Evaluation Board
1
Z = RoHS Compliant Part.
2
Operating junction temperature range. The ambient operating temperature range is −40°C to +85°C.
3
The ADN8834MB-EVALZ evaluation board can be used with the ADN8835CP-EVALZ to evaluate the ADN8835 product.
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
SIDE VIEW
PIN 1
INDICATOR
36
10
18
19
27
28
9
EXPOSED
PAD
PIN 1
INDICATOR
SEATING
PLANE
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
0.30
0.23
0.18
6.10
6.00 SQ
5.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.45
0.40
0.35
0.20 MIN
4.80
4.70 SQ
4.60
4.00 REF
COMPLIANT
TO JEDEC STANDARDS MO-220-WJJD-4
©2016–2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14174-0-9/18(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com