Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8835ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN8835ACPZ-R7
Description  Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8835ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADN8835ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ADN8835
Data Sheet
Rev. B | Page 4 of 27
SPECIFICATIONS
VIN = 2.7 V to 5.5 V, TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical specifications, unless
otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Driver Supply Voltage
VPVIN
2.7
5.5
V
Controller Supply Voltage
VVDD
2.7
5.5
V
Supply Current
IVDD
PWM not switching
3.3
5
mA
Shutdown Current
ISD
EN/SY = AGND or VLIM/SD = AGND
350
700
µA
Undervoltage Lockout (UVLO)
VUVLO
VVDD rising
2.45
2.55
2.65
V
UVLO Hysteresis
UVLOHYST
80
90
100
mV
REFERENCE VOLTAGE
VVREF
IVREF = 0 mA to 10 mA
2.475
2.50
2.525
V
LINEAR OUTPUT
Output Voltage
VLDR
ILDR = 0 A
Low
0
V
High
VPVIN
V
Maximum Source Current
ILDR_SOURCE
3.5
A
Maximum Sink Current
ILDR_SINK
3.5
A
On Resistance
ILDR = 1.5 A
P-MOSFET
RDS_PL(ON)
VPVIN = 5.0 V
50
70
mΩ
VPVIN = 3.3 V
55
85
mΩ
N-MOSFET
RDS_NL(ON)
VPVIN = 5.0 V
45
80
mΩ
VPVIN = 3.3 V
50
90
mΩ
Leakage Current
P-MOSFET
ILDR_P_LKG
0.1
10
µA
N-MOSFET
ILDR_N_LKG
0.1
10
µA
Linear Amplifier Gain
ALDR
40
V/V
LDR Short-Circuit Threshold
ILDR_SH_GNDL
LDR short to PGNDL, enter hiccup
4
A
ILDR_SH_PVIN(L)
LDR short to PVIN, enter hiccup
−4
A
Hiccup Cycle
tHICCUP
15
ms
PWM OUTPUT
Output Voltage
VSFB
ISFB = 0 A
V
Low
0.06 × VPVIN
V
High
0.93 × VPVIN
V
Maximum Source Current
ISW_SOURCE
3.5
A
Maximum Sink Current
ISW_SINK
3.5
A
On Resistance
ISW = 1.5 A
P-MOSFET
RDS_PS(ON)
VPVIN = 5.0 V
60
85
mΩ
VPVIN = 3.3 V
70
100
mΩ
N-MOSFET
RDS_NS(ON)
VPVIN = 5.0 V
45
85
mΩ
VPVIN = 3.3 V
55
95
mΩ
Leakage Current
P-MOSFET
ISW_P_LKG
0.1
10
µA
N-MOSFET
ISW_N_LKG
0.1
10
µA
SW Node Rise Time1
tSW_R
CSW = 1 nF
1
ns
PWM Duty Cycle2
DSW
6
93
%
SFB Input Bias Current
ISFB
1
2
µA
PWM OSCILLATOR
Internal Oscillator Frequency
fOSC
EN/SY high
1.85
2.0
2.15
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com