Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8835ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADN8835ACPZ-R7
Description  Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8835ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADN8835ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
ADN8835
Data Sheet
Rev. B | Page 14 of 27
ANALOG PID CONTROL
The ADN8835 integrates two self correcting, auto-zeroing
amplifiers (Chopper 1 and Chopper 2). The Chopper 1 amplifier
takes a thermal sensor input and converts or regulates the input
to a linear voltage output. The OUT1 voltage is proportional to the
object temperature. The OUT1 voltage is fed into the compensa-
tion amplifier (Chopper 2) and is compared with a temperature
setpoint voltage, which creates an error voltage that is propor-
tional to the difference. For autonomous analog temperature
control, Chopper 2 can implement a PID network as shown in
Figure 26 to set the overall stability and response of the thermal
loop. Adjusting the PID network optimizes the step response of
the TEC control loop. A compromised settling time and the
maximum current ringing become available when this
adjustment is done. To adjust the compensation network, see
the PID Compensation Amplifier (Chopper 2) section.
DIGITAL PID CONTROL
The ADN8835 can also be configured for use in a software
controlled PID loop. In this scenario, the Chopper 1 amplifier
can either be left unused or configured as a thermistor input
amplifier connected to an external temperature measurement
analog-to-digital converter (ADC). For more information, see
the Thermistor Amplifier (Chopper 1) section. If Chopper 1 is
left unused, tie IN1N and IN1P to AGND.
The Chopper 2 amplifier is used as a buffer for the external
DAC, which controls the temperature setpoint. Connect the
DAC to IN2P and short the IN2N and OUT2 pins together. See
Figure 27 for an overview of how to configure the ADN8835
external circuitry for digital PID control.
POWERING THE CONTROLLER
The ADN8835 operates at an input voltage range of 2.7 V to
5.5 V that is applied to the PVINS pins and PVINL pins. The
VDD pin is the input power for the driver and internal reference.
The PVINS and the PVINL input power pins are for the PWM
driver and the linear driver, respectively. Apply the same input
voltage to all power input pins. In some circumstances, an RC
low-pass filter can be added between the PVINS/PVINL and
the VDD pins to prevent high frequency noise from entering
VDD, as shown in Figure 27. The capacitor and resistor values
are typically 10 Ω and 0.1 µF, respectively.
When configuring the power supply to the ADN8835, keep in
mind that at high current loads, the input voltage may drop
substantially due to a voltage drop on the wires between the
front-end power supply and the PVINS and the PVINL pins.
Leave a proper voltage margin when designing the front-end
power supply to maintain the performance. Minimize the trace
length from the power supply to the PVINS and the PVINL
pins to help mitigate the voltage drop.
Figure 27. TEC Controller in a Digital Temperature Control Loop
ADN8835
L = 1µH
VIN
2.7V TO 5.5V
TEC
SW
SFB
LDR
PGNDS
PVINL
PVINS
VDD
ILIM
VLIM/SD
ITEC
IN2P
VTEC
TEC
VOLTAGE
LIMIT
2.5V VREF
+
–
EN/SY
CSW_OUT
10µF
FSW = 2MHz
CL_OUT
0.1µF
CIN
10µF
CVDD
0.1µF
PGNDL
ENABLE
IN1N
IN1P
VREF
AGND
IN2N OUT2
OUT1
RV1
RV2
RC1
RC2
COOLING AND HEATING
TEC CURRENT LIMITS
CVREF
0.1uF
RA
R
2.5V VREF
TEC VOLTAGE READBACK
TEC CURRENT READBACK
TEMPERATURE SET
RB
RFB
RBP
RX
NTC
THERMISTOR
RTH
TEMPERATURE
READBACK
ADC
DAC
2.5V VREF
2.5V VREF
TMPGD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com