Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8835ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADN8835ACPZ-R7
Description  Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8835ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADN8835ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Data Sheet
ADN8835
Rev. B | Page 15 of 27
ENABLE AND SHUTDOWN
To enable the ADN8835, apply a logic high voltage to the
EN/SY pin while the voltage at the VLIM/SD pin is above the
maximum shutdown threshold of 0.07 V. If either the EN/SY pin
voltage is set to logic low or the VLIM/SD voltage is below 0.07 V,
the controller goes into an ultralow current state. The current
drawn in shutdown mode is 350 µA typically. Most of the current
is consumed by the VREF circuit block, which is always on even
when the device is disabled or shut down. The device can also
be enabled when an external synchronization clock signal is
applied to the EN/SY pin, and the voltage at VLIM/SD input is
above 0.07 V. Table 6 shows the combinations of the two input
signals that are required to enable the ADN8835.
Table 6. Enable Pin Combinations
EN/SY Input
VLIM/SD Input
Controller
>2.1 V
>0.07 V
Enabled
Switching Between High
(>2.1 V) and Low (<0.8 V)
>0.07 V
Enabled
<0.8 V
No effect1
Shutdown
Floating
No effect1
Shutdown
No effect1
≤0.07 V
Shutdown
1
No effect means this signal has no effect in shutting down or in enabling the
device.
OSCILLATOR CLOCK FREQUENCY
The ADN8835 has an internal oscillator that generates a 2.0 MHz
switching frequency for the PWM output stage. This oscillator is
active when the enabled voltage at the EN/SY pin is set to a logic
level higher than 2.1 V and the VLIM/SD pin voltage is greater
than the shutdown threshold of 0.07 V.
External Clock Operation
The PWM switching frequency of the ADN8835 can be synchro-
nized to an external clock from 1.85 MHz to 3.25 MHz, applied
to the EN/SY input pin, as shown on Figure 28.
Figure 28. Synchronize to an External Clock
Connecting Multiple ADN8835 Devices
Multiple ADN8835 devices can be driven from a single master
clock signal by connecting the external clock source to the
EN/SY pin of each slave device. The input ripple can be greatly
reduced by operating the ADN8835 devices 180° out of phase from
each other and placing an inverter at one of the EN/SY pins, as
shown in Figure 29.
Figure 29. Multiple ADN8835 Devices Driven from a Master Clock
TEMPERATURE LOCK INDICATOR
The TMPGD pin outputs logic high when the temperature
error amplifier output voltage, VOUT1, reaches the IN2P
temperature setpoint (TEMPSET) voltage. The TMPGD pin has a
detection range between 1.46 V and 1.54 V of VOUT1 and hysteresis.
The TMPGD function allows direct interfacing either to the
microcontrollers or to the supervisory circuitry.
SOFT START ON POWER-UP
The ADN8835 has an internal soft start circuit that generates a
ramp with a typical 150 ms profile to minimize inrush current
during power-up. The settling time and the final voltage across
the TEC depends on the TEC voltage required by the control
voltage of voltage loop. The higher the TEC voltage is, the longer it
requires to increase.
When the ADN8835 is first powered up, the linear side discharges
the output of any prebias voltage. As soon as the prebias is elimi-
nated, the soft start cycle begins. During the soft start cycle, both
the PWM and linear outputs track the internal soft start ramp
until they reach midscale, where the control voltage, VC, is equal
to the bias voltage, VB. From the midscale voltage, the PWM and
linear outputs are then controlled by VC and diverge from each
other until the required differential voltage is developed across
the TEC or the differential voltage reaches the voltage limit. The
voltage developed across the TEC depends on the control point
at that moment in time. Figure 30 shows an example of the soft
start profile in cooling mode. Note that, as both the LDR and SFB
voltages increase with the soft start ramp and approach VB, the
ramp slows to avoid possible current overshoot at the point
where the TEC voltage starts to increase.
EXTERNAL CLOCK
SOURCE
ADN8835
AGND
EN/SY
ADN8835
ADN8835
EXTERNAL CLOCK
SOURCE
AGND
EN/SY
AGND
EN/SY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com