Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8835ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADN8835ACPZ-R7
Description  Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8835ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN8835ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet
ADN8835
Rev. B | Page 9 of 27
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
Figure 5. Efficiency vs. TEC Current at VIN = 3.3 V at Various Loads in Cooling
Mode
Figure 6. Efficiency vs. TEC Current at VIN = 3.3 V at Various Loads in Heating
Mode
Figure 7. Efficiency vs. TEC Current at VIN = 3.3 V and 5 V in Cooling Mode
with 1 Ω Load
Figure 8. Efficiency vs. TEC Current at VIN = 3.3 V and 5 V in Heating Mode
with 1 Ω Load
Figure 9. Maximum TEC Current vs. Input Voltage at PVIN at Various Loads,
Without Voltage and Current Limit
Figure 10. VREF Line Regulation
100
90
80
70
60
50
40
30
20
10
0
0
3.0
2.5
2.0
1.5
1.0
0.5
TEC CURRENT (A)
LOAD = 0.5Ω
LOAD = 1Ω
LOAD = 2Ω
100
90
80
70
60
50
40
30
20
10
0
0
3.0
2.5
2.0
1.5
1.0
0.5
TEC CURRENT (A)
LOAD = 0.5Ω
LOAD = 1Ω
LOAD = 2Ω
100
90
80
70
60
50
40
30
20
10
0
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
TEC CURRENT (A)
VIN = 3.3V
VIN = 5V
100
90
80
70
60
50
40
30
20
10
0
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
TEC CURRENT (A)
VIN = 3.3V
VIN = 5V
3.0
2.5
2.0
1.5
1.0
0.5
0
2.7
4.7
3.7
INPUT VOLTAGE AT PVIN (V)
LOAD = 0.5Ω
LOAD = 1Ω
LOAD = 2Ω
0.20
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
2.5
5.0
6.0
4.0
4.5
5.5
3.5
3.0
SUPPLY VOLTAGE (V)
5mA LOAD
NO LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com