Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8835ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADN8835ACPZ-R7
Description  Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8835ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADN8835ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Data Sheet
ADN8835
Rev. B | Page 5 of 27
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
EN/SY Input Voltage
Low
VEN/SY_ILOW
0.8
V
High
VEN/SY_IHIGH
2.1
V
External Synchronization Frequency
fSYNC
1.85
3.25
MHz
Synchronization Pulse Duty Cycle
DSYNC
10
90
%
EN/SY Rising to PWM Rising Delay
tSYNC_PWM
50
ns
EN/SY to PWM Lock Time
tSY_LOCK
Number of sync cycles
11
Cycles
EN/SY Input Current
IEN/SY
0.3
0.5
µA
Pull-Down Current
0.3
0.5
µA
ERROR/COMPENSATION AMPLIFIERS
Input Offset Voltage
VOS1
VCM1 = 1.5 V, VOS1 = VIN1P − VIN1N
10
100
µV
VOS2
VCM2 = 1.5 V, VOS2 = VIN2P − VIN2N
10
100
µV
Input Voltage Range
VCM1, VCM2
0
VVDD
V
Common-Mode Rejection Ratio (CMRR)
CMRR1, CMRR2
VCM1, VCM2 = 0.2 V to VVDD − 0.2 V
120
dB
Output Voltage
High
VOH1, VOH2
VVDD −
0.04
V
Low
VOL1, VOL2
10
mV
Power Supply Rejection Ratio (PSRR)
PSRR1, PSRR2
120
dB
Output Current
IOUT1, IOUT2
Sourcing and sinking
5
mA
Gain Bandwidth Product1
GBW1, GBW2
VOUT1, VOUT2 = 0.5 V to VVDD − 1 V
2
MHz
TEC CURRENT LIMIT
ILIM Input Voltage Range
Cooling
VILIMC
1.3
VVREF −
0.2
V
Heating
VILIMH
0.2
1.2
V
Current-Limit Threshold
Cooling
VILIMC_TH
VITEC = 0.5 V
1.98
2.0
2.02
V
Heating
VILIMH_TH
VITEC = 2 V
0.48
0.5
0.52
V
ILIM Input Current
Heating
IILIMH
−0.2
+0.2
µA
Cooling
IILIMC
Sourcing current
37.5
40
42.5
µA
Cooling to Heating Current Detection
Threshold
ICOOL_HEAT_TH
40
mA
TEC VOLTAGE LIMIT
Voltage Limit Gain
AVLIM
(VDRL − VSFB)/VVLIM
2
V/V
VLIM/SD Input Voltage Range1
VVLIMC, VVLIMH
0.2
VVDD/2
V
VLIM/SD Input Current
Cooling
IILIMC
VOUT2 < VVREF/2
−0.2
+0.2
µA
Heating
IILIMH
VOUT2 > VVREF/2, sinking current
8
10
12
µA
TEC CURRENT MEASUREMENT
Current Sense Gain
RCS
0.285
V/A
Current Measurement Accuracy
ILDR_ERROR
1 A ≤ ILDR ≤ 3 A
15
15
%
ITEC Voltage Accuracy
VITEC_AT_1_A
Cooling, VVREF/2 + ILDR × RCS
1.493
1.535
1.577
V
ITEC Voltage Output Range
VITEC
ITEC = 0 A
0
VVREF −
0.05
V
ITEC Bias Voltage
VITEC_B
ILDR = 0 A
1.210
1.250
1.285
V
Maximum ITEC Output Current
IITEC
−2
+2
mA
TEC VOLTAGE MEASUREMENT
Voltage Sense Gain
AVTEC
0.24
0.25
0.26
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com