Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8835ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADN8835ACPZ-R7
Description  Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8835ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN8835ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ADN8835
Data Sheet
Rev. B | Page 8 of 27
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic Description
0
EPAD
Exposed Pad. Solder the exposed pad to the analog ground plane on the board.
1, 2, 9, 10, 11, 19,
35, 36
DNC
Do Not Connect. Leave these pins floating.
3
IN2N
Inverting Input of the Compensation Amplifier.
4
OUT2
Output of the Compensation Amplifier.
5
VLIM/SD
Voltage Limit/Shutdown. This pin sets the cooling and heating TEC voltage limits. When this pin is pulled
low, the device shuts down.
6
ILIM
Current Limit. This pin sets the TEC cooling and heating current limits.
7
VDD
Power for the Controller Circuits.
8
VREF
2.5 V Reference Output.
12
AGND
Signal Ground.
13
EN/SY
Enable/Synchronization. Set this pin high to enable the device. An external synchronization clock input
can be applied to this pin.
14
VTEC
TEC Voltage Output.
15
SFB
Feedback of the PWM TEC Controller Output.
16
ITEC
TEC Current Output.
17, 18
PGNDS
Power Ground of the PWM TEC Controller.
20, 21
SW
Switch Node Output of the PWM TEC Controller.
22, 23
PVINS
Power Input for the PWM TEC Driver.
24, 25
PVINL
Power Input for the Linear TEC Driver.
26, 27
LDR
Output of the Linear TEC Controller.
28, 29
PGNDL
Power Ground of the Linear TEC Controller.
30
TMPGD
Temperature Good Output.
31
OUT1
Output of the Error Amplifier.
32
IN1N
Inverting Input of the Error Amplifier.
33
IN1P
Noninverting Input of the Error Amplifier.
34
IN2P
Noninverting Input of the Compensation Amplifier.
1
DNC
2
DNC
3
IN2N
4
OUT2
5
VLIM/SD
6
ILIM
7
VDD
8
VREF
9
DNC
27 LDR
26 LDR
25 PVINL
24 PVINL
23 PVINS
22 PVINS
21 SW
20 SW
19 DNC
ADN8835
TOP VIEW
(Not to Scale)
NOTES
1. DO NOT CONNECT. LEAVE THESE PINS PIN FLOATING.
2. EXPOSED PAD. SOLDER THE EXPOSED PAD TO THE
ANALOG GROUND PLANE ON THE BOARD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com