Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8835ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADN8835ACPZ-R7
Description  Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8835ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADN8835ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
ADN8835
Data Sheet
Rev. B | Page 22 of 27
conduction losses (PCOND), switching losses (PSW), and transition
losses (PTRAN). Other sources of power dissipation are usually
less significant at the high output currents of the application
thermal limit and can be neglected in approximation.
Use the following equation to estimate the power dissipation of
the buck regulator:
PLOSS = PCOND + PSW + PTRAN
Conduction Loss (PCOND)
The conduction loss consists of two parts: inductor conduction
loss (PCOND_L) and power switch conduction loss (PCOND_S).
PCOND = PCOND_L + PCOND_S
Inductor conduction loss is proportional to the DCR of the output
inductor, L. Using an inductor with low DCR enhances the overall
efficiency performance. Estimate inductor conduction loss by
PCOND_L = DCR × IOUT2
Power switch conduction losses are caused by the flow of the
output current through both the high-side and low-side power
switches, each of which has its own internal on resistance (RDSON).
Use the following equation to estimate the amount of power
switch conduction loss:
PCOND_S = (RDSON_HS × D + RDSON_LS × (1 − D)) × IOUT2
where:
RDSON_HS is the on resistance of the high-side MOSFET.
D is the duty cycle (D = VOUT/VIN).
RDSON_LS is the on resistance of the low-side MOSFET.
Switching Losses (PSW)
Switching losses are associated with the current drawn by the
controller to turn the power devices on and off at the switching
frequency. Each time a power device gate is turned on or off,
the controller transfers a charge from the input supply to the
gate, and then from the gate to ground. Use the following
equation to estimate the switching loss:
PSW = (CGATE_HS + CGATE_LS) × VIN2 × fSW
where:
CGATE_HS is the gate capacitance of the high-side MOSFET.
CGATE_LS is the gate capacitance of the low-side MOSFET.
fSW is the switching frequency.
For the ADN8835, the total of CGATE_HS + CGATE_LS is
approximately 1 nF.
Transition Losses (PTRAN)
Transition losses occur because the high-side MOSFET cannot
turn on or off instantaneously. During a switch node transition,
the MOSFET provides all the inductor current. The source to
drain voltage of the MOSFET is half the input voltage, resulting
in power loss. Transition losses increase with both load and input
voltage and occur twice for each switching cycle.
Use the following equation to estimate the transition loss:
PTRAN = 0.5 × VPVIN × IOUT × (tR + tF) × fSW
where:
VPVIN is the voltage at PVIN.
IOUT is the output current of the PWM regulator.
tR is the rise time of the switch node.
tF is the fall time of the switch node.
Linear Regulator Power Dissipation
In the ADN8835, the output voltage of linear regulator is
typically tied either to ground or VIN. The main power
dissipation in this case comes from the conduction loss of the
FETs and thus is quite low. When the load is light and the linear
regulator must operate in a linear region, the power dissipation
can be calculated using the following equation:
PLINEAR = ((VIN − VOUT) × IOUT) + (VIN × IGND)
where:
VIN and VOUT are the input and output voltages of the linear
regulator.
IOUT is the load current of the linear regulator.
IGND is the ground current of the linear regulator.
Power dissipation due to the ground current is generally small
and can be ignored for the purposes of this calculation.
THERMAL CONSIDERATION
To ensure that the ADN8835 operates below the maximum
junction temperature even at high load, careful attention must
be paid to provide a lower θJA value of the device. Typical
techniques for enhancing heat dissipation include using larger
copper layer and vias on the printed circuit board (PCB) and
adding a heat sink.
The ADN8835 LFCSP package has a large exposed pad (EPAD)
at the bottom that must be soldered to the analog ground plane
on the board. The majority of the heat of the device dissipates
through the EPAD. Therefore, the copper layer connected to the
EPAD as well as the vias on it must be optimized to conduct the
heat effectively. It is recommended to use at least a 6 × 6 via
array and distribute them evenly on the EPAD. Generally, it is
more effective to increase the number of vias than to increase
the diameter of the via within a limited area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com