Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8835ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN8835ACPZ-R7
Description  Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8835ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN8835ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
ADN8835
Data Sheet
Rev. B | Page 10 of 27
Figure 11. Thermal Stability (TEMPOUT) Voltage Error at Various Ambient
Temperatures, VIN = 3.3 V, VTEMPSET = 1 V
Figure 12. Thermal Stability (TEMPOUT) Voltage Error at Various Ambient
Temperatures, VIN = 3.3 V, VTEMPSET = 1.5 V
Figure 13. VREF Error vs. Ambient Temperature
Figure 14. VREF Load Regulation
Figure 15. ITEC Current Reading Error vs. TEC Current in Cooling Mode
Figure 16. ITEC Current Reading Error vs. TEC Current in Heating Mode
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0
20
40
60
80
100
120
140
160
180
200
TIME (Seconds)
TA = 15°C
TA = 25°C
TA = 35°C
TA = 45°C
TA = 55°C
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0
20
40
60
80
100
120
140
160
180
200
TIME (Seconds)
TA = 15°C
TA = 25°C
TA = 35°C
TA = 45°C
TA = 55°C
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–50
150
100
50
0
AMBIENT TEMPERATURE (°C)
VIN = 2.7V AT 5mA LOAD
VIN = 3.3V AT 5mA LOAD
VIN = 5.5V AT 5mA LOAD
VIN = 2.7V AT NO LOAD
VIN = 3.3V AT NO LOAD
VIN = 5.5V AT NO LOAD
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
1
5
4
3
2
LOAD CURRENT AT VREF (mA)
VIN = 3.3V, ITEC = 0.5A, COOLING
VIN = 3.3V, ITEC = 0.0A
VIN = 3.3V, ITEC = 0.5A, HEATING
VIN = 5V, ITEC = 0.5A, COOLING
VIN = 5V, ITEC = 0A
VIN = 5V, ITEC = 0.5A, HEATING
20
–20
–15
–10
–5
0
5
10
15
0
3.0
2.5
2.0
1.5
1.0
0.5
TEC CURRENT (A)
VIN = 3.3V
VIN = 5V
20
–20
–15
–10
–5
0
5
10
15
0
3.0
2.5
2.0
1.5
1.0
0.5
TEC CURRENT (A)
VIN = 3.3V
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com