Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8835ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADN8835ACPZ-R7
Description  Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8835ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADN8835ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
ADN8835
Data Sheet
Rev. B | Page 18 of 27
APPLICATIONS INFORMATION
Figure 33. Signal Flow Block Diagram
SIGNAL FLOW
The ADN8835 integrates two auto-zero amplifiers, defined as
the Chopper 1 amplifier and the Chopper 2 amplifier. Both of the
amplifiers can be used as standalone amplifiers; therefore, the
implementation of temperature control can vary. Figure 33
shows the signal flow through the ADN8835, and a typical
implementation of the temperature control loop using the
Chopper 1 amplifier and the Chopper 2 amplifier.
In Figure 33, the Chopper 1 and Chopper 2 amplifiers are config-
ured as the thermistor input amplifier and the PID compensation
amplifier, respectively. The thermistor input amplifier amplifies
the thermistor voltage, and then outputs to the PID compensa-
tion amplifier. The PID compensation amplifier then compensates
a loop response over the frequency domain.
The output from the compensation loop at OUT2 is fed to the linear
MOSFET gate driver. The voltage at LDR is fed with OUT2 into
the PWM MOSFET gate driver. Including the internal transistors,
the gain of the differential output section is fixed at 5. For details
on the output drivers, see the MOSFET Driver Amplifier section.
THERMISTOR SETUP
The thermistor has a nonlinear relationship to temperature; near
optimal linearity over a specified temperature range can be achieved
with the proper value of a compensation resistor, RX, placed in
series with the thermistor.
First, the resistance of the thermistor must be known, where
•
RLOW = RTH at TLOW
•
RMID = RTH at TMID
•
RHIGH = RTH at THIGH
TLOW and THIGH are the endpoints of the temperature range and
TMID is the average. In some cases, with only the β constant
available, calculate RTH using the following equation:


−
=
R
R
TH
T
T
R
R
1
1
β
exp
LINEAR
AMPLIFIER
LDR
TEC CURRENT SENSE
SW
PGNDS
PVINS
PWM POWER
STAGE
PWM
MOSFET
DRIVER
CONTROL
SFB
PWM
MODULATOR
PGNDS
LDR
TEC
PGNDL
PVINL
PGNDL
+
–
OSCILLATOR
IN2P
OUT2
IN2N
TEC DRIVER
LINEAR POWER
STAGE
+
–
+
–
IN1P
OUT1
IN1N
Z2
Z1
RFB
R
RX
RTH
VREF/2
VREF
VTEMPSET
VOUT2
VOUT1
VIN
VIN
TEMPERATURE ERROR
AMPLIFIER
AV = RFB/(RTH + RX) – RFB/R
CHOPPER 1
PID COMPENSATION
AMPLIFIER
AV = Z2/Z1
CHOPPER 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com