Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8835ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADN8835ACPZ-R7
Description  Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8835ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADN8835ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADN8835ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
ADN8835
Data Sheet
Rev. B | Page 16 of 27
Figure 30. Soft Start Profile in Cooling Mode
TEC VOLTAGE/CURRENT MONITOR
The TEC real-time voltage and current are detectable at VTEC
and ITEC, respectively.
Voltage Monitor
VTEC is an analog voltage output pin with a voltage proportional
to the actual voltage across the TEC. A center VTEC voltage of
1.25 V corresponds to 0 V across the TEC. Convert the voltage
at VTEC and the voltage across the TEC using the following
equation:
VVTEC = 1.25 V + 0.25 × (VLDR − VSFB)
Current Monitor
ITEC is an analog voltage output pin with a voltage proportional
to the actual current through the TEC. A center ITEC voltage of
1.25 V corresponds to 0 A through the TEC. Convert the
voltage at ITEC and the current through the TEC using the
following equations:
VITEC_COOLING = 1.25 V + ILDR × RCS
where the current sense gain (RCS) is 0.285 V/A.
VITEC_HEATING = 1.25 V − ILDR × RCS
MAXIMUM TEC VOLTAGE LIMIT
The maximum TEC voltage is set by applying a voltage divider
at the VLIM/SD pin to protect the TEC. The voltage limiter
operates bidirectionally and allows the cooling limit to be
different from the heating limit.
Using a Resistor Divider to Set the TEC Voltage Limit
Separate voltage limits are set using a resistor divider. The
internal current sink circuitry connected to VLIM/SD draws a
current when the ADN8835 drives the TEC in a heating direction,
which lowers the voltage at VLIM/SD. The current sink is not
active when the TEC is driven in a cooling direction; therefore,
the TEC heating voltage limit is always lower than the cooling
voltage limit.
Figure 31. Using a Resistor Divider to Set the TEC Voltage Limit
Calculate the cooling and heating limits using the following
equations:
VVLIMC = VREF × RV2/(RV1 +RV2)
where VREF = 2.5 V.
VVLIMH = VVLIMC − ILIMH × RV1||RV2
where ILIMH = 10 µA.
VTEC_MAX_COOLING = VVLIMC × AVLIM
where AVLIM = 2 V/V.
VTEC_MAX_HEATING = VVLIMH × AVLIM
MAXIMUM TEC CURRENT LIMIT
To protect the TEC, separate maximum TEC current limits in
cooling and heating directions are set by applying a voltage
combination at the ILIM pin.
Using a Resistor Divider to Set the TEC Current Limit
The internal current sink circuitry connected to ILIM draws a
40 µA current when the ADN8835 drives the TEC in a cooling
direction, which allows a high cooling current. Use the following
equations to calculate the maximum TEC currents:
VILIMH = VREF × RC2/(RC1 +RC2)
where VREF = 2.5 V.
VILIMC = VILIMH + ILIMC × RC1||RC2
where ILIMC = 40 µA.
CS
ILIMC
COOLING
MAX
TEC
R
V
I
V
25
.
1
_
_
−
=
where RCS = 0.285 V/A.
CS
ILIMH
HEATING
MAX
TEC
R
V
I
−
=
V
25
.
1
_
_
VILIMH must not exceed 1.2 V and VILIMC must be more than
1.3 V to leave proper margins between the heating and the
cooling modes.
VB
LDR
SFB
TIME
DISCHARGE
PREBIAS
SOFT START
BEGINS
TEC VOLTAGE
BUILDS UP
REACH
VOLTAGE LIMIT
VLIM/SD
TEC VOLTAGE
LIMIT AND
INTERNAL
SOFT START
10µA
HEATING
CLK
DISABLE
VREF
RV1
RV2
SW OPEN = VVLIMC
SW CLOSED = VVLIMH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com