Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-1-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP5360ACBZ-1-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-1-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP5360ACBZ-1-R7 Datasheet HTML 27Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 29Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 30Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 31 of 60
PGOOD Indication
The VOUT2OK bit, Address 0x2F, indicates whether the buck
boost regulator is working properly. Alogic high indicates that
the output voltage of the buck boost regulator is higher than 90%
(typical rising threshold) of the nominal output. When the
regulated output voltage falls lower than 87% (typical falling
threshold) of the nominal output, the VOUT2OK bit goes low.
The VOUT2OK bit status indication can be masked to the
PGOOD1 pin or PGOOD2 pin by setting the PGOODx_MASK
register with the I2C interface.
Soft Start
The ADP5360 buck boost regulator has an internal soft start
function that ramps up the output voltage in a controlled
manner upon startup, thereby limiting the inrush current. This
feature prevents possible input voltage drops when a battery or
a high impedance power source is connected to the input of the
device. The default typical soft start time is 1 ms for the regulator.
Other soft start times (8 ms, 64 ms, and 512 ms) can be
programmed for the ADP5360 by the I2C interface.
Active Discharge
The ADP5360 integrates an optional discharge switch from the
output node to ground. This switch turns on when the associated
regulator is disabled to help discharge the output capacitor
quickly. The typical value of the discharge switch is 255 Ω for the
regulator.
The active discharge feature can be enabled by setting the
DISCHG_BUCKBST bit, Address 0x2B, high for the buck boost
regulator.
Current-Limit Protection
The buck boost regulator in the ADP5360 includes peak current-
limit protection circuitry to limit the amount of positive current
flowing through the high-side MOSFET switch. The peak current
limit on the power switch limits the amount of current that can
flow from the input to the output. The programmable current-
limit threshold feature allows for the use of small size inductors
for low current applications.
Use the BUCKBST_ILIM[2:0] bits, Address 0x2B, via the I2C
interface to program the peak current-limit threshold on the
buck boost regulator. Three bit-programmable options provide
100 mAto 800 mA of peak current limit with a 100 mA step
peak current threshold range. Use the following equation to
find the regulator output current:
ILOAD2 = VIN2 × IPEAK2/2(VIN2 + VOUT2)
where:
ILOAD2 is the regulator output current.
VIN2 is the regulator input voltage.
IPEAK2 is the inductor peak current.
VOUT2 is the output voltage.
The peak current limit is different than the average current
limit on the battery input side. The average battery current is
a factor in different elements including, but not limited to, the
VIN2/VOUT2 relationship, the inductance, the switching
frequency, and the peak current-limit threshold. The average
battery current limit on each buck or buck boost regulator
can be roughly calculated and predicted by these elements.
However, the average current-limit accuracy is difficult to
guarantee due to variations in inductance and switching
frequency. Therefore, a careful calculation must be obtained
if the input source is coming from a weak battery, which
typically has high output impedance.
Stop Switching
The stop feature also can configure the buck boost regulator with
the STP pin input, which allows the user to temporarily stop
buck boost regulator switching.
When applyin a logic high level to the STP pin, the
corresponding regulator is forced to stop switching
immediately. When applying a logic low level to the STP pin,
the regulator resumes switching. Note that tens of ns delay time
exists from when the STP signal goes high to when switching fully
stops.
The stop signal control is valid only when the regulator is
enabled. Otherwise, the stop signal is ignored.
Set the STP_BUCKBST bit, Address 0x2B, low to disable the
buck boost regulator stop switching feature.
SUPERVISORY
Reset Output
TheADP5360 provides microprocessor supply voltage supervision
by controlling the reset input of the microprocessor. When the
monitored voltage falls lower than the associated threshold, the
RESET pin asserts correspondingly. Asserting the RESET pin
quickly ensures that the entire system is reset immediately
before any part of the system voltage falls lower than the
recommended operating voltage. The default monitor voltage
is the buck output voltage (VOUT1) and can be selected as
VOUT2 by the I2C interface. The RESET pin monitors both
VOUT1 of the buck and VOUT2 of the buck boost when setting
the VOUT1_RST bit and VOUT2_RST bit of Address 0x2D
both high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com