Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-1-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADP5360ACBZ-1-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-1-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADP5360ACBZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 41Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 42Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 43Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 40 of 60
Bit(s)
Bit Name
Access Default
Description
10111 = 240 mA.
11000 = 250 mA.
11001 = 260 mA.
11010 = 270 mA.
11011 = 280 mA.
11100 = 290 mA.
11101 = 300 mA.
11110 = 310 mA.
11111 = 320 mA.
Table 23. CHARGER_VOLTAGE_THRESHOLD, Address 0x05 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
7
DIS_RCH
0 = Enable recharge
Recharge Function Disable.
0 = recharge enable.
1 = recharge disable.
[6:5]
VRCH[1:0]
R/W
01 = 120 mV
Recharge Voltage Programming Bus. The values of the recharge threshold
can be programmed by using the following values:
01 = 120 mV.
10 = 180 mV.
11 = 240 mV.
[4:3]
VTRK_DEAD[1:0]
R/W
01 = 2.5 V
Trickle to Fast Charge Dead Battery Voltage Programming Bus. The values of
the trickle to fast charge threshold can be programmed by using the
following values:
00 = 2.0 V.
01 = 2.5 V.
10 = 2.6 V.
11 = 2.9 V.
[2:0]
VWEAK[2:0]
R/W
011 = 3.0 V
Weak Battery Voltage Rising Threshold. The values of the battery voltage
can be programmed by using the following values:
000 = 2.7 V.
001 = 2.8 V.
010 = 2.9 V.
011 = 3.0 V.
100 = 3.1 V.
101 = 3.2 V.
110 = 3.3 V.
111 = 3.4 V.
Table 24. CHARGER_TIMER_SETTING, Address 0x06 Bit Descriptions
Bit(s) Bit Name
Access Default
Description
[7:4]
Reserved
R
Not applicable
Reserved.
3
EN_TEND
R/W
0
When low, this bit disables the charge complete timer (tEND), and a 32 ms
deglitch timer (tDG) remains on this function.
2
EN_CHG_TIMER
R/W
1
When high, the trickle charge timer (tTRK) and the fast charge timer (tCHG) are
enabled. When low, tTRK and tCHG are disabled.
[1:0]
CHG_TMR_PERIOD[1:0]
R/W
11
tTRK and tCHG Period.
00 = 15 minutes/150 minutes.
01 = 30 minutes/300 minutes.
10 = 45 minutes/450 minutes.
11 = 60 minutes/600 minutes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com