Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-1-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADP5360ACBZ-1-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-1-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADP5360ACBZ-1-R7 Datasheet HTML 41Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 42Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 43Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 44Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 45Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 46Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 47Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 48Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 45 of 60
Bit(s)
Bit Name
Access Default
Description
10100 = 4.55 V.
10101 = 4.60 V.
10110 = 4.65 V.
10111 = 4.70 V.
11000 = 4.75 V.
11001 to 11111 = 4.80 V.
[2:1]
HYS_OV_CHG[1:0]
R/W
00
Battery Overvoltage Protection for Charge Hysteresis. The values of the battery
overvoltage protection can be programmed by using the following values:
00 = 2% of the voltage of the OV_CHG threshold.
01 = 4% of the voltage of the OV_CHG threshold.
10 = 6% of the voltage of the OV_CHG threshold.
11 = 8% of the voltage of the OV_CHG threshold.
0
DGT_OV_CHG
R/W
0 = 0.5 sec
Battery Overvoltage Protection Deglitch Time. The values of the battery overvoltage
protection deglitch time can be programmed by using the following values:
0 = 0.5 sec.
1 = 1 sec.
Table 39. Battery Protection Charge Overcharge Setting, Address 0x15 Bit Descriptions
Bit(s)
Bit Name
Access Default
Description
[7:5]
OC_CHG[2:0]
R/W
Factory set
Battery Overcurrent Protection for Overdischarge Threshold. The values of the
battery overcurrent protection can be programmed by using the following values:
000 = 25 mA.
001 = 50 mA.
010 = 100 mA.
011 = 150 mA.
100 = 200 mA.
101 = 250 mA.
110 = 300 mA.
111 = 400 mA.
[4:3]
DGT_OC_CHG[1:0]
R/W
01 = 10 ms
Battery Charge Overcurrent Protection DeglitchTime Setting.The values of the battery
charge overcurrent protection can be programmed byusing the following values:
00 = 5 ms.
01 = 10 ms.
10 = 20 ms.
11 = 40 ms.
[2:0]
Reserved
R
Not applicable
Reserved.
FUEL GAUGE REGISTER BIT DESCRIPTIONS
Table 40. V_SOC_0, Address 0x16 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
V_SOC_0[7:0]
R/W
0x7D
Battery Voltage When State of Charge = 0%. The default voltage is 3.5 V.
Battery Voltage (V) = (2.5 + V_SOC_0 × 0.008) (V).
Table 41. V_SOC_5, Address 0x17 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:0]
V_SOC_5[7:0]
R/W
0x91
Battery Voltage When State of Charge = 5%. The default voltage is 3.66 V.
Battery voltage (V) = (2.5 + V_SOC_5 × 0.008) (V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com