Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-1-R7 Datasheet(PDF) 60 Page - Analog Devices

Part # ADP5360ACBZ-1-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-1-R7 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADP5360ACBZ-1-R7 Datasheet HTML 52Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 53Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 54Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 55Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 56Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 57Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 58Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 59Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 60 of 60
OUTLINE DIMENSIONS
A
B
C
D
E
F
2.600
2.560
2.520
1
2
3
4
5
6
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
BALL A1
IDENTIFIER
0.560
0.500
0.440
0.330
0.300
0.270
SIDE VIEW
0.230
0.200
0.170
0.300
0.200
0.170
COPLANARITY
0.04
2.00
REF
0.40
BSC
SEATING
PLANE
Figure 63. 32-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-32-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADP5360ACBZ-1-R7
−40°C to +85°C
32-Ball Wafer Level Chip Scale Package [WLCSP]
CB-32-2
ADP5360ACBZ-2-R7
−40°C to +85°C
32-Ball Wafer Level Chip Scale Package [WLCSP]
CB-32-2
ADP5360CB-EVALZ
Evaluation Board Assembled with ADP5360ACBZ-1-R7
1
Z = RoHS Compliant Part.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D20499-0-11/19(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com