Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-1-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADP5360ACBZ-1-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-1-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADP5360ACBZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 41Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 42Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 43Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 44Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 41 of 60
Table 25. CHARGER_FUNCTION_SETTING, Address 0x07 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
7
EN_JEITA
R/W
0
When low, this bit disables the JEITA Li-Ion temperature battery charging
specification.
6
ILIM_JEITA_COOL
R/W
0
When in temperature cool mode, select the battery charging current.
0 = approximately 50% of programmed charge current.
1 = approximately 10% of programmed charge current.
5
Reserved
R/W
Not applicable
Reserved
.
4
OFF_ISOFET
R/W
0
When high, ISOFET is forced to turn off, and VSYS is shut down only when the
battery is present.
3
EN_LDO
R/W
1
When low, the charge LDO is disabled. When high, the charge LDO is enabled.
2
EN_EOC
R/W
1
When high, end of charge is allowed.
1
EN_ADPICHG
R/W
0
When high, the VBUS adaptive current-limit function is enabled during charging.
When low, the VBUS adaptive current-limit function is disabled during charging.
0
EN_CHG
R/W
Factory set
When low, charging is disabled. When high and EN_LDO = high, charging is
enabled.
Table 26. CHARGER_STATUS1, Address 0x08 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
7
VBUS_OV
R
Not applicable
When high, this bit indicates that the VBUS voltage is over the threshold of
VVBUS_OK.
6
ADPICHG
R
Not applicable
When high, this bit indicates that the adaptive charge current is active.
5
VBUS_ILIM
R
Not applicable
When high, this bit indicates that the current into the VBUS pin is limited by
the high voltage blocking FET and that the charger is not running at the full
programmed ICHG.
[4:3]
Reserved
R
Not applicable
Reserved
.
[2:0]
CHARGER_STATUS[2:0] R
Not applicable
Charger Status Bus. The following values are indications for the charger status:
000 = off.
001 = trickle charge.
010 = fast charge (constant current mode).
011 = fast charge (constant voltage mode).
100 = charge complete.
101 = LDO mode.
110 = trickle or fast charge timer expired.
111 = battery detection.
Table 27. CHARGER_STATUS2, Address 0x09 Bit Descriptions
Bit(s)
Bit Name
Access Default
Description
[7:5]
THR_STATUS[2:0]
R
Not applicable
THR Pin Status. The following values are indications for the THR pin NTC
resistor value:
000 = off.
001 = battery cold.
010 = battery cool.
011 = battery warm.
100 = battery hot.
111 = thermistor okay.
4
BAT_OV_STATUS
R
Not applicable
Battery Overvoltage Status.
0 = no battery overvoltage protection.
1 = battery overvoltage protection.
3
BAT_UV_STATUS
R
Not applicable
Battery Undervoltage Status.
0 = no battery undervoltage protection.
1 = battery undervoltage protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com