Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-1-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADP5360ACBZ-1-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-1-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADP5360ACBZ-1-R7 Datasheet HTML 46Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 47Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 48Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 49Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 50Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 51Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 52Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 53Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 50 of 60
Bit(s)
Bit Name
Access
Default
Description
[5:0]
VOUT_BUCKBST[5:0]
R/W
Factory set
Buck Boost Output Voltage Setting. The values of the voltage setting can be
programmed by using the following values:
000000 = 1.8 V with 100 mV step.
000001 = 1.9 V with 100 mV step.
…
001011 = 2.9 V with 100 mV step.
001100 = 2.95 V with 50 mV step.
…
111111 = 5.5 V with 50 mV step.
SUPERVISORY REGISTER BIT DESCRIPTIONS
Table 63. Supervisory Setting, Address 0x2D Bit Descriptions
Bit(s)
Bit Name
Access Default
Description
7
VOUT1_RST
R/W
1
Buck Output Voltage Monitor to RESET Selection.
0 = disable buck voltage monitor to RESET.
1 = enable buck voltage monitor to RESET.
6
VOUT2_RST
R/W
0
Buck Boost Output Voltage Monitor to RESET Selection.
0 = disable buck boost voltage monitor to RESET.
1 = snable buck boost voltage monitor to RESET.
5
RESET_TIME
R/W
0 = 200 ms
RESET Timeout Period Selection. The values of the period selection can be programmed
by using the following values:
0 = 200 ms.
1 = 1.6 sec.
[4:3]
WD_TIME[1:0]
R/W
00 = 12.5 sec
Watchdog Timeout Period Selection. The values of the period selection can be
programmed by using the following values:
00 = 12.5 sec.
01 = 25.6 sec.
10 = 50 sec.
11 = 100 sec.
2
EN_WD
R/W
0 = disable
When high, the watchdog timer function is enabled. When low, the watchdog timer
function is disabled.
1
EN_MR_SD
R/W
0 = disable
When high, the device enters shipment mode after MR presses low for 12 sec. When
low, disable MR to enter shipment mode.
0
RESET_WD
W
0
When high, the watchdog safety timer resets. The RESET_WD bit is reset automatically.
STATUS AND FAULT REGISTER BIT DESCRIPTIONS
Table 64. Fault, Address 0x2E Bit Descriptions1
Bit(s)
Bit Name
Access
Default
Description
7
BAT_UV1
R/W
0
When high, this bit indicates that the battery is undervoltage when overdischarging.
6
BAT_OC1
R/W
0
When high, this bit indicates that the battery is overcurrent during overdischarge.
5
BAT_CHGOC1
R/W
0
When high, this bit indicates that the battery is overcurrent during overcharge.
4
BAT_CHGOV1
R/W
0
When high, this bit indicates that the battery is overvoltage during overcharge.
3
Reserved
R
Not applicable
Reserved
.
2
WD_TIMEOUT1
R/W
0
When high, watchdog timeout occurred.
1
Reserved
R/W
0
Reserved.
0
TSD1101
R/W
0
When high, the temperature shutdown fault occurs.
1 To reset the fault bits in the fault register, cycle power on the VBUS pin or write high to the corresponding bits of the fault register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com