Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-1-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADP5360ACBZ-1-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-1-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADP5360ACBZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 41Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 42Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 39 of 60
Bit(s)
Bit Name
Access Default
Description
110000 = 4.52 V.
110001 = 4.54 V.
110010 = 4.56 V.
110011 = 4.58 V.
110100 = 4.60 V.
110101 = 4.62 V.
110110 = 4.64 V.
110111 to 111111 = 4.66 V.
[1:0]
ITRK_DEAD[1:0]
R/W
10 = 5 mA
Trickle and Weak Charge Current Programming Bus. The values of the trickle and weak
charge currents can be programmed by using the following values:
00 = 1 mA.
01 = 2.5 mA.
10 = 5 mA.
11 = 10 mA.
Table 22. CHARGER_CURRENT_SETTING, Address 0x04 Bit Descriptions
Bit(s)
Bit Name
Access Default
Description
[7:5]
IEND[2:0]
R/W
001 = 5 mA
Termination Current Programming Bus. The values of the termination current can be
programmed by using the following values:
001 = 5 mA.
010 = 7.5 mA.
011 = 12.5 mA.
100 = 17.5 mA.
101 = 22.5 mA.
110 = 27.5 mA.
111 = 32.5 mA.
[4:0]
ICHG[4:0]
R/W
01001 = 100 mA
Fast Charge Current Programming Bus. The values of the constant current charge can
be programmed by using the following values:
00000 = 10 mA.
00001 = 20 mA.
00010 = 30 mA.
00011 = 40 mA.
00100 = 50 mA.
00101 = 60 mA.
00110 = 70 mA.
00111 = 80 mA.
01000 = 90 mA.
01001 = 100 mA.
01010 = 110 mA.
01011 = 120 mA.
01100 = 130 mA.
01101 = 140 mA.
01110 = 150 mA.
01111 = 160 mA.
10000 = 170 mA.
10001 = 180 mA.
10010 = 190 mA.
10011 = 200 mA.
10100 = 210 mA.
10101 = 220 mA.
10110 = 230 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com