Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-1-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADP5360ACBZ-1-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-1-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADP5360ACBZ-1-R7 Datasheet HTML 51Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 52Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 53Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 54Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 55Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 56Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 57Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 58Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 55 of 60
EXTERNAL COMPONENTS
VBUS Capacitor Selection
According to the USB specification, USB peripherals have a
detectable change in capacitance on VBUS when VBUS is
attached. The peripheral device VBUS bypass capacitance must be
at least 1 μF but not larger than 10 μF. The combined capacitance
for the VBUS pin and the VDD pin must not exceed 10 μF at
any temperature or dc bias condition. Suggested VBUS
capacitors are shown in Table 73.
Table 73. Suggested VBUS Capacitors
Vendor
Product Number
Value (µF) Voltage (V)
Size
Murata
GRM155R61E225ME15D
2.2
25
0402
Yageo
CC0402MRX5R8BB225
2.2
25
0402
VDD Capacitor Selection
The internal supply voltage of the ADP5360 is equipped with a
noise suppressing capacitor at VDD. Use typical VDD
capacitance (1 μF). However, do not exceed 10 μF during
operation. Do not connect any external voltage source, any
resistive load, or any other current load to VDD. Suggested
VDD capacitors are shown in Table 74.
Table 74. Suggested VDD Capacitors
Vendor
Product Number
Value (µF)
Voltage (V) Size
Murata
GRM155R60J105KE19D
1
6.3
0402
Yageo
CC0402KRX5R5BB105
1
6.3
0402
VSYS Capacitor Selection
To guarantee the performance of the charger in various operation
modes, including trickle charge, constant current charge, and
constant voltage charge, it is imperative that the effects of dc bias,
temperature, and tolerances on the behavior of the capacitors be
evaluated for each application. The total VSYS capacitance
consists of all capacitors when VSYS is tied together with the
input node of the buck and buck boost regulators.
The VSYS capacitance must be ≥10 μF. Suggested VSYS
capacities are shown in Table 75.
Table 75. Suggested VSYS, ISOB, VIN1, VIN2, VOUT1, and
VOUT2 Capacitors
Vendor
Product Number
Value (µF) Voltage (V) Size
Murata
GRM155R60J106ME44D
10
6.3
0402
Yageo
CC0402MRX5R5BB106
10
6.3
0402
ISOB Capacitor Selection
The ISOB effective capacitance must be ≥4.7 μF at any point during
operation. Typically, a nominal capacitance of 10 μF is required to
fulfill the condition at all points of operation. Suggestions for an
ISOB capacitor are show in Table 75.
Buck Input Capacitor Selection
An input capacitor is required to reduce the input voltage ripple,
input ripple current, and source impedance. Place the input
capacitor as close as possible to the VIN1 pin. Use the following
equation to determine the rms input current:
(
)
(
)
−
≥
OUT
IN
OUT
RMS
LOAD MAX
IN
V
V
V
II
V
For most applications, the VIN1 pin ties together with the VSYS
pin. The VSYS capacitance is effective, therefore, a 1 µF capacitor
is sufficient for the VIN1 pin. The input capacitor can be
increased without any limit for better input voltage filtering.
Suggested VIN1 capacitors are show in Table 75.
Buck Inductor Selection
The high switching frequency of the ADP5360 buck converter
allows the selection of small chip inductors when the buck
operates in FPWM mode.
Use the following equation to calculate the peak-to-peak
inductor current ripple (IRIPPLE1):
IRIPPLE1 = VOUT1 × ((VIN1 − VOUT1))/(VIN1 × fSW × L1)
where:
VOUT1 is the buck output voltage.
VIN1 is the buck input voltage at the VIN1 node.
fSW is the buck switching frequency.
L1 is the buck output inductor value.
The minimum dc current rating of the inductor must be greater
than the inductor peak current (IPEAK1). To calculate IPEAK1, use
the following equation:
IPEAK1 = ILOAD1(MAX) + IRIPPLE1
where ILOAD(MAX) is the output current load.
Inductor conduction losses are caused by the flow of current
through the inductor, which has an associated internal dc
resistance (DCR). Larger inductors have smaller DCR values
that can decrease inductor conduction losses. Inductor core
losses are related to the magnetic permeability of the core material.
Because the buck regulators are high switching frequency dc-to-
dc converters, shielded ferrite core material is recommended for
low core losses and low electromagnetic interference (EMI).
Suggested buck inductors are shown in Table 76.
Buck Output Capacitor Selection
Output capacitance is required to minimize the output voltage
overshoot and undershoot and to minimize the output ripple
significantly both in hysteresis mode and FPWM mode.
Capacitors with low equivalent series resistance (ESR) values
produce the lowest output ripple in FPWM mode.
Suggested buck output capacitors are shown in Table 75.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com