Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-1-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADP5360ACBZ-1-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-1-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADP5360ACBZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 41Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 42Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 43Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 44Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 45Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 46Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 43 of 60
Table 35. Battery Protection Control, Address 0x11 Bit Descriptions
Bit(s) Bit Name
Access Default
Description
[7:5]
Reserved
R
Not applicable
Reserved
.
4
ISOFET_OVCHG
R/W
0
When low, ISOFET turns on when the battery charging overvoltage protection is
triggered. When high, the ISOFET turns off when the battery charging overvoltage
protection is triggered.
3
OC_DIS_HICCUP
R/W
0
Battery Discharge Overcurrent Protection Mode Selection.
0 = latch up.
1 = hiccup.
2
OC_CHG_HICCUP R/W
0
Battery Charge Overcurrent Protection Mode Selection.
0 = latch up.
1 = hiccup.
1
EN_CHGLB
R/W
1
When low, the battery charge is not allowed with the battery undervoltage
protection triggered. When high, the battery charge is allowed with the battery
undervoltage protection triggered.
0
EN_BATPRO
R/W
Factory set
When low, the battery protection function is disabled. When high, the battery
protection function is enabled.
Table 36. Battery Protection Undervoltage Setting, Address 0x12 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:4]
UV_DISCH[3:0]
R/W
Factory set
Battery Undervoltage Protection Threshold. The values of the battery undervoltage
protection threshold can be programmed by using the following values:
0000 = 2.05 V.
0001 = 2.10 V.
0010 = 2.15 V.
0011 = 2.20 V.
0100 = 2.25 V.
0101 = 2.30 V.
0110 = 2.35 V.
0111 = 2.40 V.
1000 = 2.45 V.
1001 = 2.50 V.
1010 = 2.55 V.
1011 = 2.60 V.
1100 = 2.65 V.
1101 = 2.70 V.
1110 = 2.75 V.
1111 = 2.80 V.
[3:2]
HYS_UV_DISCH[1:0]
R/W
00 = 2%
Battery Undervoltage Protection for Overdischarge Hysteresis. The values of the
battery undervoltage protection can be programmed byusing the following values:
00 = 2% UV_DISCH voltage threshold.
01 = 4% UV_DISCH voltage threshold.
10 = 6% UV_DISCH voltage threshold.
11 = 8% UV_DISCH voltage threshold.
[1:0]
DGT_UV_DISCH[1:0] R/W
00 = 30 ms
Battery Undervoltage Protection Deglitch Time. The values of the battery
undervoltage protection deglitch time can be programmed by using the following
values:
00 = 30 ms.
01 = 60 ms.
10 = 120 ms.
11 = 240 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com