Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-1-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP5360ACBZ-1-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-1-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP5360ACBZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 37 of 60
Address
(Hex)
Register
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x32
INTERRUPT_
ENABLE1
[7:0]
EN_
SOCLOW_
INT
EN_
SOCACM_
INT
EN_
ADPICHG_
INT
EN_
BATPRO_INT
EN_THR_
INT
EN_BAT_
INT
EN_CHG_
INT
EN_
VBUS_INT
0x33
INTERRUPT_
ENABLE2
[7:0]
EN_MR_
INT
EN_WD_
INT
EN_
BUCKPG_
INT
EN_
BUCKBSTPG_
INT
Reserved
0x34
INTERRUPT_
FLAG1
[7:0]
SOCLOW_
INT
SOCACM_
INT
ADPICHG_
INT
BATPRO_INT
THR_INT
BAT_INT
CHG_INT
VBUS_INT
0x35
INTERRUPT_
FLAG2
[7:0]
MR_INT
WD_INT
BUCKPG_
INT
BUCKBSTPG_
INT
Reserved
0x36
SHIPMODE
[7:0]
Reserved
EN_
SHIPMODE
Table 18. Manufacturer and Model ID, Address 0x00 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:4]
MANUF[3:0]
R
0001
The 4-bit manufacturer identification bus.
[3:0]
MODEL[3:0]
R
0000
The 4-bit model identification bus.
Table 19. Silicon Revision, Address 0x01 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:4]
Reserved
R
Not applicable
Reserved.
[3:0]
REV[3:0]
R
1000
The 4-bit silicon revision identification bus.
Table 20. CHARGER_VBUS_ILIM, Address 0x02 Bit Descriptions
Bit(s)
Bit Name
Access Default
Description
[7:5]
VADPICHG[2:0]
R/W
100 = 4.6 V
Adaptive Current Limit to VBUS Voltage Threshold Programming. The current to the
VBUS voltage threshold can be limited to the following programmed values:
010 = 4.4 V.
011 = 4.5 V.
100 = 4.6 V.
101 = 4.7 V.
110 = 4.8 V.
111 = 4.9 V.
4
Reserved
R
Not applicable
Reserved
.
3
VSYSTEM
R/W
0 = VTRM + 200 mV
VSYS Voltage Programming.
0 = VTRM + 200 mV.
1 = 5 V.
[2:0]
ILIM[2:0]
R/W
001 = 100 mA
VBUS Pin Input Current-Limit Programming Bus. The current into the VBUS pin
can be limited to the following programmed values:
000 = 50 mA.
001 = 100 mA.
010 = 150 mA.
011 = 200 mA.
100 = 250 mA.
101 = 300 mA.
110 = 400 mA.
111 = 500 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com