Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360ACBZ-1-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADP5360ACBZ-1-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-1-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADP5360ACBZ-1-R7 Datasheet HTML 44Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 45Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 46Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 47Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 48Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 49Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 50Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 51Page - Analog Devices ADP5360ACBZ-1-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 48 of 60
Bit(s)
Bit Name
Access
Default
Description
[3:2]
SLP_TIME[1:0]
R/W
00 = 1 min
Fuel Gauge Update Rate Of The Sleep Mode
00 = 1 min
01 = 4 min
10 = 8 min
11 = 16 min
1
FG_MODE
R/W
0
Fuel Gauge Operation Mode Selection
1 = operate in sleep mode
0 = operate in active mode
0
EN_FG
R/W
0
Fuel Gauge Function Selection
0 = disable fuel gauge
1 = enable fuel gauge
Table 58. SOC_RESET, Address 0x28 Bit Descriptions
Bit(s) Bit Name
Access Default
Description
7
SOC_RESET
W
0
Write 1, then write 0 to refresh the BAT_SOC, VBAT_READ_H, and VBAT_READ_Lregisters.
[6:0]
Reserved
R
Not applicable
Reserved
.
SWITCHING REGULATOR REGISTER BIT DESCRIPTIONS
Table 59. Buck Configure, Address 0x29 Bit Descriptions
Bit(s)
Bit Name
Access
Default
Description
[7:6]
BUCK_SS[1:0]
R/W
Factory set
Buck Regulator Output Soft Start Time. The values of the soft start
time can be programmed by using the following values:
00 = 1 ms.
01 = 8 ms.
10 = 64 ms.
11 = 512 ms.
[5:4]
BUCK_ILIM[1:0]
R/W
11 = 400 mA
Buck Regulator Peak Current Limit. The values of the peak current
limit can be programmed by using the following values:
00 = 100 mA.
01 = 200 mA.
10 = 300 mA.
11 = 400 mA.
3
BUCK_MODE
R/W
Factory set
Buck Operate Mode Selection.
0 = hystersis mode.
1 = FPWM mode.
2
STP_BUCK
R/W
0 = disable
Enable Stop Feature to Buck Regulator.
0 = disable pulse stop feature.
1 = enable pulse stop feature.
1
DISCHG_BUCK
R/W
Factory set
Configure Output Discharge Functionality for Buck.
0 = disable output discharge function.
1 = enable output discharge function.
0
EN_BUCK
R/W
Factory set
Buck Output Control.
0 = disable buck output.
1 = enable buck output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com