Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCBZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADUCM4050BCBZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCBZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADUCM4050BCBZ-R7 Datasheet HTML 20Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 21Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 22Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 23Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 24Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 25Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 26Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 27Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
ADuCM4050
Data Sheet
Rev. A | Page 24 of 46
ADuCM4050
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VBAT_ANA1
SYS_HFXTAL_IN
SYS_HFXTAL_OUT
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST BE GROUNDED.
SYS_LFXTAL_IN
SYS_LFXTAL_OUT
VDCDC_CAP1N
VDCDC_CAP1P
VBAT_ANA2
VDCDC_OUT
VDCDC_CAP2N
VDCDC_CAP2P
VLDO_OUT
VREF_ADC
VBAT_ADC
GND_VREFDAC
P2_03
GND_DIG
P1_00
P0_14
P2_02
P1_14
P1_13
P1_12
P1_11
P0_08
P0_09
P1_01
P1_15
P2_00
P0_12
VBAT_DIG1
P2_11
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
Figure 15. 64-Lead LFCSP Pin Configuration
Table 23. 64-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Signal Names
Description
1
VBAT_ANA1
Not applicable
External Supply for Analog Circuits in the MCU.
2
SYS_HFXTAL_IN
Not applicable
High Frequency Crystal Input.
3
SYS_HFXTAL_OUT
Not applicable
High Frequency Crystal Output.
4
SYS_LFXTAL_IN
Not applicable
Low Frequency Crystal Input.
5
SYS_LFXTAL_OUT
Not applicable
Low Frequency Crystal Output.
6
VDCDC_CAP1N
Not applicable
Buck Converter Capacitor 1 Negative Terminal.
7
VDCDC_CAP1P
Not applicable
Buck Converter Capacitor 1 Positive Terminal.
8
VBAT_ANA2
Not applicable
External Supply for Analog Circuits in the MCU.
9
VDCDC_OUT
Not applicable
Buck Converter Output. This pin is only for connecting the decoupling
capacitor. Do not connect to external load.
10
VDCDC_CAP2N
Not applicable
Buck Converter Capacitor 2 Negative Terminal.
11
VDCDC_CAP2P
Not applicable
Buck Converter Capacitor 2 Positive Terminal.
12
VLDO_OUT
Not applicable
Low Dropout Regulator Output. This pin is only for connecting the
decoupling capacitor. Do not connect to external load.
13
VREF_ADC
Not applicable
External Reference Voltage for Internal ADC.
14
VBAT_ADC
Not applicable
External Supply for Internal ADC.
15
GND_VREFADC
Not applicable
Ground for Internal ADC.
16
P2_03
GPIO35, ADC0_VIN0
GPIO. See the GPIO Multiplexing section for more information.
17
P2_04
GPIO36, ADC0_VIN1
GPIO. See the GPIO Multiplexing section for more information.
18
P2_05
GPIO37, ADC0_VIN2
GPIO. See the GPIO Multiplexing section for more information.
19
P2_06
GPIO38, ADC0_VIN3
GPIO. See the GPIO Multiplexing section for more information.
20
P2_07
GPIO39, ADC0_VIN4, SPI2_CS3
GPIO. See the GPIO Multiplexing section for more information.
21
P2_08
GPIO40, ADC0_VIN5, SPI0_CS2,
RTC1_SS3
GPIO. See the GPIO Multiplexing section for more information.
22
P2_09
GPIO41, ADC0_VIN6, SPI0_CS3
GPIO. See the GPIO Multiplexing section for more information.
23
P2_10
GPIO42, ADC0_VIN7, SPI2_CS2
GPIO.
24
P0_05
GPIO05, I2C0_SDA
GPIO. See the GPIO Multiplexing section for more information.
25
SYS_HWRST
Not applicable
Hardware Reset Pin.
26
P0_04
GPIO04, I2C0_SCL
GPIO. See the GPIO Multiplexing section for more information.
27
P0_07
SWD0_DATA, GPIO07
GPIO. See the GPIO Multiplexing section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com