Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCBZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADUCM4050BCBZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCBZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADUCM4050BCBZ-R7 Datasheet HTML 38Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 39Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 40Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 41Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 42Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 43Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 44Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 45Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 46Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
ADuCM4050
Data Sheet
Rev. A | Page 46 of 46
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADUCM4050BCBZ-RL
−40°C to +85°C
72-Ball Wafer Level Chip Scale Package [WLCSP], 13” Reel
CB-72-3
ADUCM4050BCBZ-R7
−40°C to +85°C
72-Ball Wafer Level Chip Scale Package [WLCSP], 7” Reel
CB-72-3
ADUCM4050BCPZ
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP]
CP-64-17
ADUCM4050BCPZ-RL
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP], 13” Reel
CP-64-17
ADUCM4050BCPZ-R7
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP], 7” Reel
CP-64-17
EV-COG-AD4050LZ
ADuCM4050 LFCSP Development Board
EV-COG-AD4050WZ
ADuCM4050 WLCSP Development Board
1
Z = RoHS Compliant Part.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2018–2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14745-0-4/19(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com