Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCBZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADUCM4050BCBZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCBZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADUCM4050BCBZ-R7 Datasheet HTML 10Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 11Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 12Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 13Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 14Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 15Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 16Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 17Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
ADuCM4050
Data Sheet
Rev. A | Page 14 of 46
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
ENABLE AND THREE-STATE SERIAL PORTS
Switching Characteristics
Data Enable from Internal Transmit SPORT Clock3
tDDTIN
5
ns
Data Disable from Internal Transmit SPORT Clock3
tDDTTI
160
ns
1
This specification is referenced to the sample edge.
2
This specification indicates the minimum instantaneous width or period that can be tolerated due to duty cycle variation or jitter on the external SPORT Clock.
3
These specifications are referenced to the drive edge.
tSCLKIW
DRIVE EDGE
SPT0_ACLK/SPT0_BCLK
(SPORT CLOCK)
SPT0_AFS/SPT0_BFS
(FRAME SYNC)
SPT0_AD0/SPT0_BD0
(DATA CHANNEL A/B)
SAMPLE EDGE
tHOFSI
tSDRI
tDFSI
tHDRI
Figure 3. Serial Ports (Data Receive Mode through Internal Clock)
tSCLKIW
DRIVE EDGE
SPT0_A/SPT0_BCLK
(SPORT CLOCK)
SPT0_AFS/SPT0_BFS
(FRAME SYNC)
SPT0_AD0/SPT0_BD0
(DATA CHANNEL A/B)
SAMPLE EDGE
tHOFSI
tDDTI
tHDTI
tDFSI
Figure 4. Serial Ports (Data Transmit Mode through Internal Clock)
tSCLKW
DRIVE EDGE
SPT0_ACLK/SPT0_BCLK
(SPORT CLOCK)
SPT0_AFS/SPT0_BFS
(FRAME SYNC)
SPT0_AD0/SPT0_BD0
(DATA CHANNEL A/B)
SAMPLE EDGE
tHOFSE
tSDRE
tDFSE
tSFSE
tHDRE
tHFSE
Figure 5. Serial Ports (Data Receive Mode through External Clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com