Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCBZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADUCM4050BCBZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCBZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADUCM4050BCBZ-R7 Datasheet HTML 1Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 2Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 3Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 4Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 5Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 6Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 7Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 8Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
Data Sheet
ADuCM4050
Rev. A | Page 5 of 46
POWER SUPPLY CURRENT SPECIFICATIONS
Active Mode
Table 3.
Parameter
Min Typ1 Max2 Unit
Test Conditions/Comments
ACTIVE MODE3
Current consumption when VBAT = 3.0 V
Buck Enabled
1.27
2.71
mA
Code executing from flash, cache enabled, system peripheral clock (PCLK) disabled,
advanced high performance clock (HCLK) = 26 MHz4
1.83
3.28
mA
Code executing from flash, cache disabled, PCLK disabled, HCLK = 26 MHz4
1.40
2.84
mA
Code executing from flash, cache enabled, PCLK = 26 MHz, HCLK = 26 MHz4
1.97
3.41
mA
Code executing from flash, cache disabled, PCLK = 26 MHz, HCLK = 26 MHz4
2.33
3.78
mA
Code executing from flash, cache enabled, PCLK disabled, HCLK = 52 MHz5
2.94
4.39
mA
Code executing from flash, cache disabled, PCLK disabled, HCLK = 52 MHz5
2.59
4.04
mA
Code executing from flash, cache enabled, PCLK = 52 MHz, HCLK = 52 MHz5
3.21
4.65
mA
Code executing from flash, cache disabled, PCLK = 52 MHz, HCLK = 52 MHz5
1.43
2.87
mA
Code executing from SRAM, PCLK disabled, HCLK = 26 MHz4
1.56
3.00
mA
Code executing from SRAM, PCLK = 26 MHz, HCLK = 26 MHz4
2.64
4.09
mA
Code executing from SRAM, PCLK disabled, HCLK = 52 MHz5
2.90
4.35
mA
Code executing from SRAM, PCLK = 52 MHz, HCLK = 52 MHz5
Dynamic Current
41
µA/MHz Code executing from flash, cache enabled
Buck Disabled
2.34
4.78
mA
Code executing from flash, cache enabled, PCLK disabled, HCLK = 26 MHz4
3.38
5.82
mA
Code executing from flash, cache disabled, PCLK disabled, HCLK = 26 MHz4
2.60
5.04
mA
Code executing from flash, cache enabled, PCLK = 26 MHz, HCLK = 26 MHz4
3.65
6.09
mA
Code executing from flash, cache disabled, PCLK = 26 MHz, HCLK = 26 MHz4
4.46
6.90
mA
Code executing from flash, cache enabled, PCLK disabled, HCLK = 52 MHz5
5.61
8.05
mA
Code executing from flash, cache disabled, PCLK disabled, HCLK = 52 MHz5
4.98
7.42
mA
Code executing from flash, cache enabled, PCLK = 52 MHz, HCLK = 52 MHz5
6.14
8.58
mA
Code executing from flash, cache disabled, PCLK = 52 MHz, HCLK = 52 MHz5
2.66
5.10
mA
Code executing from SRAM, PCLK disabled, HCLK = 26 MHz4
2.92
5.36
mA
Code executing from SRAM, PCLK = 26 MHz, HCLK = 26 MHz4
5.08
7.52
mA
Code executing from SRAM, PCLK disabled, HCLK = 52 MHz5
5.60
8.04
mA
Code executing from SRAM, PCLK = 52 MHz, HCLK = 52 MHz5
Dynamic Current
82
µA/MHz Code executing from flash, cache enabled
1
TJ = 25°C
2
TJ = 85°C
3
The code being executed is a prime number generation in a continuous loop, with high frequency RC oscillator (HFOSC) as the system clock source.
4
Zero wait states and low buck load.
5
One wait state and high buck load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com