Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCBZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADUCM4050BCBZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCBZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADUCM4050BCBZ-R7 Datasheet HTML 5Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 6Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 7Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 8Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 9Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 10Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 11Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 12Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Data Sheet
ADuCM4050
Rev. A | Page 9 of 46
Deep Sleep Modes—VBAT = 3.6 V
Table 7.
Parameter
Min Typ
Max
Unit
Test Conditions/Comments
HIBERNATE MODE1
VBAT = 3.6 V
TJ = 25°C
0.66
µA
RTC1 and RTC0 disabled, 16 kB SRAM retained, LFXTAL off
0.73
µA
RTC1 and RTC0 disabled, 28 kB SRAM retained, LFXTAL off
0.77
µA
RTC1 and RTC0 disabled, 48 kB SRAM retained, LFXTAL off
0.82
µA
RTC1 and RTC0 disabled, 60 kB SRAM retained, LFXTAL off
1.04
µA
RTC1 and RTC0 disabled, 80 kB SRAM retained, LFXTAL off
1.08
µA
RTC1 and RTC0 disabled, 92 kB SRAM retained, LFXTAL off
1.12
µA
RTC1 and RTC0 disabled, 112 kB SRAM retained, LFXTAL off
1.16
µA
RTC1 and RTC0 disabled, 124 kB SRAM retained, LFXTAL off
0.69
µA
RTC1 enabled, 16 kB SRAM retained, LFOSC as RTC1 source
1.19
µA
RTC1 enabled, 124 kB SRAM retained, LFOSC as RTC1 source
0.85
µA
RTC1 enabled, 16 kB SRAM retained, LFXTAL as RTC1 source
0.96
µA
RTC0 enabled, 16 kB SRAM retained, LFXTAL as RTC0 source
0.98
µA
RTC1 and RTC0 enabled, 16 kB SRAM retained, LFXTAL as RTC1 and RTC0 source
1.32
µA
RTC1 enabled, 124 kB SRAM retained, LFXTAL as RTC1 source
1.43
µA
RTC0 enabled, 124 kB SRAM retained, LFXTAL as RTC0 source
1.45
µA
RTC1 and RTC0 enabled, 124 kB SRAM retained, LFXTAL as RTC1 and RTC0 source
TJ = 85°C
1.95
5.00
µA
RTC1 and RTC0 disabled, 16 kB SRAM retained, LFXTAL off
2.29
6.00
µA
RTC1 and RTC0 disabled, 28 kB SRAM retained, LFXTAL off
2.82
7.20
µA
RTC1 and RTC0 disabled, 48 kB SRAM retained, LFXTAL off
3.14
8.20
µA
RTC1 and RTC0 disabled, 60 kB SRAM retained, LFXTAL off
3.78
10.00
µA
RTC1 and RTC0 disabled, 80 kB SRAM retained, LFXTAL off
4.10
11.00
µA
RTC1 and RTC0 disabled, 92 kB SRAM retained, LFXTAL off
4.63
12.30
µA
RTC1 and RTC0 disabled, 112 kB SRAM retained, LFXTAL off
4.95
14.90
µA
RTC1 and RTC0 disabled, 124 kB SRAM retained, LFXTAL off
2.07
5.30
µA
RTC1 enabled, 16 kB SRAM retained, LFOSC as RTC1 source
5.06
15.20
µA
RTC1 enabled, 124 kB SRAM retained, LFOSC as RTC1 source
2.52
6.19
µA
RTC1 enabled, 16 kB SRAM retained, LFXTAL as RTC1 source
2.63
6.48
µA
RTC0 enabled, 16 kB SRAM retained, LFXTAL as RTC0 source
2.65
6.53
µA
RTC1 and RTC0 enabled, 16 kB SRAM retained, LFXTAL as RTC1 and RTC0 source
5.51
15.34
µA
RTC1 enabled, 124 kB SRAM retained, LFXTAL as RTC1 source
5.62
15.64
µA
RTC0 enabled, 124 kB SRAM retained, LFXTAL as RTC0 source
5.64
15.71
µA
RTC1 and RTC0 enabled, 124 kB SRAM retained, LFXTAL as RTC1 and RTC0 source
SHUTDOWN MODE1
VBAT = 3.6 V
TJ = 25°C
0.07
µA
RTC0 disabled
1.05
µA
RTC0 enabled, LFXTAL as RTC0 source
TJ = 85°C
0.58
1.90
µA
RTC0 disabled
1.79
5.57
µA
RTC0 enabled, LFXTAL as RTC0 source
FAST SHUTDOWN
MODE1
VBAT = 3.6 V
TJ = 25°C
0.22
µA
RTC0 disabled
1.21
µA
RTC0 enabled, LFXTAL as RTC0 source
TJ = 85°C
0.75
2.10
µA
RTC0 disabled
1.97
6.32
µA
RTC0 enabled, LFXTAL as RTC0 source
1
Buck enable/disable does not affect power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com