Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCBZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADUCM4050BCBZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCBZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADUCM4050BCBZ-R7 Datasheet HTML 25Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 26Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 27Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 28Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 29Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 30Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 31Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 32Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Data Sheet
ADuCM4050
Rev. A | Page 29 of 46
MEMORY ARCHITECTURE
The internal memory of the ADuCM4050 MCU is shown in
Figure 22. It incorporates 512 kB of embedded flash memory for
program code and nonvolatile data storage, 96 kB of data SRAM,
and 32 kB of SRAM (configured as instruction space or data space).
SRAM Region
This memory space contains the application instructions and
variables data, which must be accessed in real time. It supports
read/write access by the ARM Cortex-M4F core and read/write
DMA access by system peripherals. Byte, half-word and word
accesses are supported.
SRAM is divided into 96 kB data SRAM and 32 kB instruction
SRAM. If instruction SRAM is not enabled, then the associated
32 kB can be mapped as data SRAM, resulting in 128 kB of data
SRAM.
When the cache controller is enabled, 4 kB of the instruction
SRAM is reserved as cache memory. Optional parity bit error
detection is available on all SRAM memories. Multiple parity
bits are associated with each 32-bit word.
In hibernate mode, up to 124 kB of SRAM can be retained in
the following ways:
•
124 kB of data SRAM
•
96 kB of data SRAM and 28 kB of instruction SRAM
MMRs (Peripheral Control and Status)
For the address space containing MMRs, refer to Figure 22.
These registers provide control and status for on-chip
peripherals of the ADuCM4050 MCU.
For more information about the MMRs, refer to the
ADuCM4050 Ultra Low Power ARM Cortex-M4F MCU with
Integrated Power Management Hardware Reference.
Flash Memory
The ADuCM4050 MCU includes 512 kB of embedded flash
memory, which is accessed using a flash controller. The flash
controller is coupled with a cache controller. A prefetch
mechanism is implemented in the flash controller to optimize
code performance.
Flash writes are supported by a keyhole mechanism via APB
writes to MMRs. The flash controller provides support for
DMA-based keyhole writes.
The device supports the following with consideration to flash
integrity:
•
A fixed user key required for running protected commands,
including mass erase and page erase.
•
An optional and user definable user failure analysis key
(FAA key).
•
An optional and user definable write protection for user-
accessible memory.
•
8-bit ECC.
Cache Controller
The ADuCM4050 MCU has an optional 4 kB instruction cache.
In certain applications, enabling the cache and executing the code
can result in lower power consumption rather than operating
directly from flash. When enabling the cache controller, 4 kB
of instruction SRAM is reserved as cache memory. In hibernate
mode, the cache memory is not retained.
0x0000_0000
0x0008 0000
512kB FLASH MEMORY
0x1000_0000
0x1000_8000
INSTRUCTION SRAM BANK 1,
INSTRUCTION SRAM BANK 2,
INSTRUCTION SRAM BANK 7
(32kB)
0x2000_0000
SYSTEM SRAM BANK 0 (16kB)
0x2000_4000
0x2004_0000
SYSTEM SRAM BANK 3 (16kB)
0x2004_4000
0x2004_8000
SYSTEM SRAM BANK 4 (16kB)
RESERVED
RESERVED
RESERVED
0x4000_0000
0x4000_002C
RESERVED
RESERVED
RESERVED
RESERVED
GENERAL-PURPOSE TIMER 0
0x4000_0400
0x4000_042C
GENERAL-PURPOSE TIMER 1
0x4000_0800
0x4000_082C
GENERAL-PURPOSE TIMER 2
0x4000_0C00
0x4000_0C3C
RGB TIMER
SYSTEM SRAM BANK 5 (32kB)
0x2005_0000
0x2005_4000
SYSTEM SRAM BANK 6 (16kB)
RESERVED
RESERVED
0x4000_1000
0x4000_10E8
REAL TIME CLOCK 0 (RTC0)
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
0x4000_1400
0x4000_14E8
REAL TIME CLOCK 1 (RTC1)
0x4000_2000
0x4000_2040
SYSTEM ID AND DEBUG ENABLE
0x4000_2C00
0x4000_2C1C
WATCHDOG TIMER
0x4000_3000
0x4000_305C
I2C 0 MASTER/SLAVE
0x4000_4000
0x4000_4038
SPI 0 MASTER/SLAVE
0x4000_4400
0x4000_4438
SPI 1 MASTER/SLAVE
0x4000_5000
0x4000_504C
UART 0
RESERVED
RESERVED
0x4001_8000
0x4001_8064
FLASH CONTROLLER
0x4002_0000
0x4002_00F8
GPIO
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
0x4002_4000
0x4002_4038
SPIH 0 MASTER/SLAVE
0x4003_8000
0x4003_806C
SPORT 0
0x4004_0000
0x4004_0018
PROGRAMMABLE CRC ENGINE
0x4004_0400
0x4004_0418
RANDOM NUMBER GENERATOR
0x4004_4000
0x4004_40C8
CRYPTOGRAPHIC ACCELERATOR
0x4004_C000
0x4004_C814
POWER MANAGEMENT, EXTERNAL
INTERRUPTS, CLOCKING,
MISCELLANEOUS REGISTERS
RESERVED
0x4000_5C00
0x4000_5C0F
BEEPER 0
RESERVED
0x4000_5400
0x4000_544C
UART 1
0x4001_0000
0x4001_0FE4
DMA 0
RESERVED
RESERVED
0x4000_7000
0x4000_70C4
ADC0
Figure 22. ADuCM4050 Memory Map—SRAM Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com